Electronic Components Datasheet Search
  English  ▼

X  

M62437FP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M62437FP
Description  SOUND CONTROLLER WITH SRS FOCUS & SRS SURROUND
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62437FP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M62437FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62437FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62437FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62437FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62437FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62437FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62437FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M62437FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M62437FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Supply voltage range••••Vcc=7 ~ 9V
Rated supply voltage••••Vcc=8V
SYSTEM BLOCK DIAGRAM
M62437FP
MITSUBISHI ELECTRIC
ELECTRIC
MITSUBISHI
(1/12)
Built-in F(
)
cus [LF/HF elevation(position) and
Bass Compensation can be changed by the external resisters.]
Built-in SR
SRS ON/OFF mode and FOCUS ON/OFF mode
can be controlled by the DC voltage.
PRELIMINARY
Notice
; This
is not
a final
specification.
some
parametric
limits
are
subject
to change.
SOUND CONTROLLER WITH
SRS FOCUS & SRS SURROUND
SRS
Interface
F(
)CUS
Front L
Front R
Tone
Tone
Rear L
Rear R
Lin
Rin
M62419FP
ON/OFF
SRS F
SRS F (( ))cus, SRS 3D Stereo Sound Controller
cus, SRS 3D Stereo Sound Controller
This is an IC for car audio.
F(
)
cus system can realize more optimal speaker position.
DESCRIPTION
FEATURE
RECOMMENDED OPERATING CONDITION
42P2R
FOCUS
ON/OFF
LF Ele.
HF Ele. Bass Comp.
M62437FP


Similar Part No. - M62437FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62437FP RENESAS-M62437FP Datasheet
166Kb / 12P
Sound Controller With SRS Focus & SRS Surround
More results

Similar Description - M62437FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62436FP MITSUBISHI-M62436FP Datasheet
136Kb / 10P
SOUND CONTROLLER WITH SRS FOCUS & SRS SURROUND
M62438FP MITSUBISHI-M62438FP Datasheet
190Kb / 12P
SRS 3D SOUND PROCESSOR
M62455P MITSUBISHI-M62455P Datasheet
198Kb / 12P
SRS 3D SOUND PROCESSOR
logo
New Japan Radio
NJM2178 NJRC-NJM2178 Datasheet
288Kb / 10P
SRS 3D SURROUND AUDIO PROCESSOR
NJM2179 NJRC-NJM2179 Datasheet
219Kb / 8P
SRS 3D SURROUND AUDIO PROCESSOR?
NJM2193 NJRC-NJM2193 Datasheet
67Kb / 8P
FOCUS & SRS AUDIO PROCESSOR
NJM2199 NJRC-NJM2199 Datasheet
63Kb / 10P
SRS 3D SURROUND AUDIO PROCESSOR
logo
STMicroelectronics
TDA7464 STMICROELECTRONICS-TDA7464 Datasheet
174Kb / 21P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER
Feb-1998
logo
Renesas Technology Corp
M62437FP RENESAS-M62437FP Datasheet
166Kb / 12P
Sound Controller With SRS Focus & SRS Surround
M62436FP RENESAS-M62436FP Datasheet
155Kb / 12P
SRS Sound Controller with SRS FOCUS, SRS Surround Sound On-Chip Sound Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com