Electronic Components Datasheet Search
  English  ▼

X  

R30US2 Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R30US2
Description  Remote I/O R30 Series UNIVERSAL INPUT MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R30US2 Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R30US2 Datasheet HTML 1Page - M-System Co.,Ltd. R30US2 Datasheet HTML 2Page - M-System Co.,Ltd. R30US2 Datasheet HTML 3Page - M-System Co.,Ltd. R30US2 Datasheet HTML 4Page - M-System Co.,Ltd. R30US2 Datasheet HTML 5Page - M-System Co.,Ltd. R30US2 Datasheet HTML 6Page - M-System Co.,Ltd. R30US2 Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MODEL: R30US2
R30US2 SPECIFICATIONS
ES-9017 Rev.3 Page 4/7
https://www.m-system.co.jp/
CONFIGURATOR SOFTWARE SETTING
The following parameters can be set with using PC Configurator Software (model: R30CFG)
Refer to the users manual for the R30CFG for detailed operation of the software program.
■ CHANNEL INDIVIDUAL SETTING
PARAMETER
SETTING RANGE
DEFAULT SETTING
Unused setting
CH enabled
CH disabled
CH enabled
Input type
-10 – +10 V DC
-1000 – +1000 mV DC
-20 – +20 mA DC
POT 0 – 4000 Ohm
POT 0 – 2500 Ohm
POT 0 – 1200 Ohm
POT 0 – 600 Ohm
POT 0 – 300 Ohm
POT 0 – 150 Ohm
OHM 0 – 4000 Ohm
RTD Pt 100
RTD Pt 500
RTD Pt 1000
RTD Pt 50 Ω
RTD JPt 100
RTD Ni 508.4 Ω
RTD Cu 10
TC (PR)
TC K
TC E
TC J
TC T
TC B
TC R
TC S
TC C
TC N
TC U
TC L
TC P
-10 – +10 V DC
Wiring
2-wire
3-wire
–
Burnout
Upscale
Downscale
None
–
CJC
Enabled
Disabled
–
Unit
degC
degF
K
–
Fine zero adjustment
-320.00 – +320.00 (%)
0.00 (%)
Fine gain adjustment
-3.2000 – +3.2000
1.0000
Zero base
depends on input types*
1
-10.000 V DC
Full base
depends on input types*
1
10.000 V DC
Scaled range Zero
-32 000 – +32 000
0
Scaled range Span
-32 000 – +32 000
10 000
First order lag filter
0.0, 0.5 – 60.0 sec.
0.0 sec.
*1. For details, refer to the users manual of R30CFG.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com