Electronic Components Datasheet Search
  English  ▼

X  

R30US2 Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # R30US2
Description  Remote I/O R30 Series UNIVERSAL INPUT MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R30US2 Datasheet(HTML) 6 Page - M-System Co.,Ltd.

  R30US2 Datasheet HTML 1Page - M-System Co.,Ltd. R30US2 Datasheet HTML 2Page - M-System Co.,Ltd. R30US2 Datasheet HTML 3Page - M-System Co.,Ltd. R30US2 Datasheet HTML 4Page - M-System Co.,Ltd. R30US2 Datasheet HTML 5Page - M-System Co.,Ltd. R30US2 Datasheet HTML 6Page - M-System Co.,Ltd. R30US2 Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MODEL: R30US2
R30US2 SPECIFICATIONS
ES-9017 Rev.3 Page 6/7
https://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm [inch]
11
13
25 [.98]
98 [3.86]
20–M3
SCREW
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
12
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Comm.
Circuit
Control
Circuit
5
6
8
9
10
7
18
19
20
1
2
11
12
15
16
17
U11
U12
3
4
13
14
U21
U22
U13
U14
U24
U23
Input 1
Input 2
RUN LED ERR LED
Input Circuit
Input Circuit
INTERNAL POWER
INTERNAL BUS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com