Electronic Components Datasheet Search
  English  ▼

X  

SLC100 Datasheet(PDF) 1 Page - C&D Technologies

Part # SLC100
Description  40 Amp SINGLE OUTPUT QUARTER BRICK DC / DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

SLC100 Datasheet(HTML) 1 Page - C&D Technologies

  SLC100 Datasheet HTML 1Page - C&D Technologies SLC100 Datasheet HTML 2Page - C&D Technologies SLC100 Datasheet HTML 3Page - C&D Technologies SLC100 Datasheet HTML 4Page - C&D Technologies SLC100 Datasheet HTML 5Page - C&D Technologies SLC100 Datasheet HTML 6Page - C&D Technologies SLC100 Datasheet HTML 7Page - C&D Technologies SLC100 Datasheet HTML 8Page - C&D Technologies SLC100 Datasheet HTML 9Page - C&D Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
SLC100 1.2V Rev C 11/2004
Product: www.cdpoweronline.com
40 Amp Single Output Quarter Brick DC/DC Converter
SLC100 1.2V
Corporate: www.cdtechno.com
Corporate: www.cdtechno.com
Product: www.cdpoweronline.com
● Industry Standard Footprint & Size -
2.28” x 1.45”
● High Efficiency
● Wide Input Voltage Range: 36 – 75VDC
● Series Output Voltage: 1.0V, 1.2V,
1.5V, 1.8V, 2.0V, 2.5V, 3.3V, 5.0V & 12V
● Output VoltageTrim Function
● Remote Sense for output
compensation
● Remote ON/OFF control referenced to
input side (Positive or Negative Logic)
● Output Current Limit
● No Minimum Load Requirement
The SLC100 Series is a 40 Amp single
output, low-profile DC-DC converter
in an industry standard package of
2.28” x 1.45” x 0.40”. The SLC100
uses unique proprietary technologies
to deliver ultra-high efficiencies and
excellent thermal performance. It includes
extensive control and protection features
for maximum flexibility and satisfies the
power requirements for a whole range of
applications with its input voltage range of
36-75 VDC and output voltages between
1.0VDC and 12.0VDC
The power dissipation of the SLC100
series is so low that a heat sink is not
required. Thermal derating curves are
provided indicating maximum allowable
output current versus airflow and ambient
temperature. The product features fast
dynamic response characteristics and
low output ripple critical for low voltage
applications. SLC DC-DC converter
modules are certified to UL/CUL 60950,
and VDE EN60950. It meets CISPR22/
EN55022/FCC15J Class B specs for EMI
levels with external filtering.
This high quality and highly reliable
product is competitively priced and an
ideal solution for distributed power,
telecoms and datacom applications.
ISO9001
CERTIFIED
* Note 1: Maximum output current for SMD Models is 25A.
NOMINAL
RATED
INPUT
OUTPUT
OUTPUT CURRENT
VOLTAGE
VOLTAGE
MIN
RATED
MODEL
(VDC)
(VDC)
LOAD(A)
OUTPUT (A)1
SLC100-2,11,20,29
48
1.2
0.0
40
1.30
80
PRODUCT SELECTION CHART
INPUT
CURRENT
AT RATED LOAD (A)
(48Vin)
EFFICIENCY
TYPICAL
(%)
● SMD Models with Position PerfectTM
Interconnects
● Isolation Voltage of 2000 VDC
● Fixed Frequency Operation
● UL/CUL 60950 recognized (US & Canada),
VDE EN60950, basic insulation rating
● Meets TNV-SELV Isolation Requirements
● Meets Conducted Emissions
Requirements of FCC Class B and
EN55022 Class B with External Filter
● No Heatsink Required
● Thermal Shutdown
● Input Undervoltage Lockout


Similar Part No. - SLC100

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
SLC100 MURATA-PS-SLC100 Datasheet
150Kb / 9P
40 Amp Single Output Quarter Brick DC/DC Converter
SLC100-1 MURATA-PS-SLC100-1 Datasheet
150Kb / 9P
40 Amp Single Output Quarter Brick DC/DC Converter
SLC100-10 MURATA-PS-SLC100-10 Datasheet
150Kb / 9P
40 Amp Single Output Quarter Brick DC/DC Converter
SLC100-11 MURATA-PS-SLC100-11 Datasheet
150Kb / 9P
40 Amp Single Output Quarter Brick DC/DC Converter
SLC100-12 MURATA-PS-SLC100-12 Datasheet
150Kb / 9P
40 Amp Single Output Quarter Brick DC/DC Converter
More results

Similar Description - SLC100

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
VKQ100MS1V8 CANDD-VKQ100MS1V8 Datasheet
191Kb / 5P
40 AMP, 1.8 VOUT, QUARTER BRICK DC/DC CONVERTER
VSX40MD23 CANDD-VSX40MD23 Datasheet
153Kb / 4P
40 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
SLC100 MURATA-PS-SLC100 Datasheet
150Kb / 9P
40 Amp Single Output Quarter Brick DC/DC Converter
VSX40MD23C MURATA-PS-VSX40MD23C Datasheet
129Kb / 4P
40 Watt Dual Output Quarter Brick DC/DC Converter
logo
SynQor Worldwide Headqu...
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
Quarter-brick DC/DC Converter
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
Quarter-brick DC/DC Converter
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
QUARTER-BRICK DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com