Electronic Components Datasheet Search
  English  ▼

X  

SLC100 Datasheet(PDF) 3 Page - C&D Technologies

Part # SLC100
Description  40 Amp SINGLE OUTPUT QUARTER BRICK DC / DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

SLC100 Datasheet(HTML) 3 Page - C&D Technologies

  SLC100 Datasheet HTML 1Page - C&D Technologies SLC100 Datasheet HTML 2Page - C&D Technologies SLC100 Datasheet HTML 3Page - C&D Technologies SLC100 Datasheet HTML 4Page - C&D Technologies SLC100 Datasheet HTML 5Page - C&D Technologies SLC100 Datasheet HTML 6Page - C&D Technologies SLC100 Datasheet HTML 7Page - C&D Technologies SLC100 Datasheet HTML 8Page - C&D Technologies SLC100 Datasheet HTML 9Page - C&D Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
SLC100 1.2V Rev C 11/2004
Product: www.cdpoweronline.com
MECHANICAL (THROUGH HOLE)
NOTES:
General Tolerance: ±.015
Pin Locations/Diameters: ±.005
Dimensions are in inches
[Millimeters]
Pin material: Copper
Pin Finish: Matte Tin over Nickel
Converter weight: [30.8g]
MECHANICAL (SMT)
PIN FUNCTIONS
1
+Vin
2
Remote On/Off
3
-Vin
4
-Vout
5
- Sense
6
Trim
7
+ Sense
8
+Vout
Interconnect FUNCTIONS
1
+Vin
2
Remote On/Off
3
-Vin
4
-Vout
5
- Sense
6
Trim
7
+ Sense
8
+Vout
* Interconnect co-planarity within 0.004”
UL/TUV Standards require a clearance
greater than 0.04” between input and
output for Basic insulation. This should be
considered if copper traces are used on
the top side of the board under the con-
verter unit. Ferrite cores are considered
part of the input/primary circuit.
UL/TUV Standards require a clearance
greater than 0.04” between input and
output for Basic insulation. This should be
considered if copper traces are used on
the top side of the board under the con-
verter unit. Ferrite cores are considered
part of the input/primary circuit.
NOTES:
General Tolerance: ±.015
Interconnect Locations/
Diameters: ±.005
Dimensions are in inches
[Millimeters]
Pin material: Copper
Pin Finish: Matte Tin over Nickel
Converter weight: [30.8g]
.425
[10.80]
.725
[18.42]
1.025
[26.04]
1.025 [26.04]
.875 [22.23]
.725 [18.42]
.575 [14.61]
.425 [10.80]
.000 [0.00]
1.450
[36.83]
.400
[10.16]
.197 [5.00]
2x, Ø.060 [1.52]
6x, Ø.040 [1.02]
BOTTOM VIEW
(PIN SIDE)
.052
[1.32]
.037
[0.94]
2x, Ø080 [2.03]
6x, Ø.060 [1.52]
3
1
2
5
6
7
8
4
.425
[10.80]
.725
[18.42]
1.025
[26.04]
1.025 [26.04]
.875 [22.23]
.725 [18.42]
.575 [14.61]
.425 [10.80]
.000 [0.00]
1.450
[36.83]
.400
[10.16]
BOTTOM VIEW
(PIN SIDE)
.052
[1.32]
.037
[0.94]
4
2x, Ø.080 [2.03]
6x, Ø.060 [1.52]
3
2
5
6
7
8
1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com