| Electronic Components Datasheet Search |
|
AM6528BACDXEA Datasheet(PDF) 252 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM6528BACDXEA Datasheet(HTML) 252 Page - Texas Instruments |
|
252 / 282 page ![]() 8.4.3.2 MCU_NAVSS0 MCU Navigator Subsystem (MCU NAVSS) has a subset of the modules of the main NAVSS and is instantiated in the MCU domain. MCU Navigator Subsystem consists of DMA/Queue Management components – UDMA and Ring Accelerator (UDMASS), and Peripherals (Module subsystem [MODSS]). UDMASS – UDMASS is the essential part of the DMA Architecture. UDMASS consists of: • Unified DMA Controller • Ring Accelerator • Packet Streaming Interface (PSILSS) MODSS – MODSS is a collection of peripherals with different system-level functions. NAVSS0 contains the following modules: • Memory CRC module • Infrastructure components such as CBASS, proxies, interrupt aggregators, and an interrupt router ECC aggregators – for SEC/DED memory protection. For more information, see Navigator Subsystem (NAVSS) section in the device TRM. 8.4.4 PDMA Controller The Peripheral DMA is a simple DMA which has been architected to specifically meet the data transfer needs of peripherals, which perform data transfers using memory mapped registers (MMRs) accessed via a standard non-coherent bus fabric. The PDMA module is located close to one or more peripherals which require an external DMA for data movement and is architected to reduce cost by using VBUSP interfaces and supporting only statically configured Transfer Request (TR) operations. The PDMA is only responsible for performing the data movement transactions which interact with the peripherals themselves. Data which is read from a given peripheral is packed by a PDMA source channel into a PSI-L data stream which is then sent to a remote peer UDMA-P destination channel which then performs the movement of the data into memory. Likewise, a remote UDMA-P source channel fetches data from memory and transfers it to a peer PDMA destination channel over PSI-L which then performs the writes to the peripheral. For more information, see PDMA Controller section in the device TRM. AM6548, AM6528, AM6526 SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021 www.ti.com 252 Submit Document Feedback Copyright © 2021 Texas Instruments Incorporated Product Folder Links: AM6548 AM6528 AM6526 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |