Electronic Components Datasheet Search
  English  ▼

X  

AM6528BACDXEA Datasheet(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
Part # AM6528BACDXEA
Description  AM654x, AM652x Sitara??Processors Silicon Revision 2.1
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6528BACDXEA Datasheet(HTML) 62 Page - Texas Instruments

Back Button AM6528BACDXEA Datasheet HTML 58Page - Texas Instruments AM6528BACDXEA Datasheet HTML 59Page - Texas Instruments AM6528BACDXEA Datasheet HTML 60Page - Texas Instruments AM6528BACDXEA Datasheet HTML 61Page - Texas Instruments AM6528BACDXEA Datasheet HTML 62Page - Texas Instruments AM6528BACDXEA Datasheet HTML 63Page - Texas Instruments AM6528BACDXEA Datasheet HTML 64Page - Texas Instruments AM6528BACDXEA Datasheet HTML 65Page - Texas Instruments AM6528BACDXEA Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 282 page
background image
Table 6-4. ADC1 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
MCU_ADC1_REFN
ADC Reference Input (negative)
A
H3
MCU_ADC1_REFP
ADC Reference Input (positive)
A
H2
MCU_ADC1_AIN0
ADC Analog Input 0
A
F4
MCU_ADC1_AIN1
ADC Analog Input 1
A
G6
MCU_ADC1_AIN2
ADC Analog Input 2
A
G4
MCU_ADC1_AIN3
ADC Analog Input 3
A
H5
MCU_ADC1_AIN4
ADC Analog Input 4
A
F5
MCU_ADC1_AIN5
ADC Analog Input 5
A
G5
MCU_ADC1_AIN6
ADC Analog Input 6
A
G3
MCU_ADC1_AIN7
ADC Analog Input 7
A
H4
6.3.2 CAL
6.3.2.1 MAIN Domain
Table 6-5. CSI0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
CSI0_RXN0
CSI Differential Receive Input (negative)
I
G28
CSI0_RXN1
CSI Differential Receive Input (negative)
I
H27
CSI0_RXN2
CSI Differential Receive Input (negative)
I
F26
CSI0_RXN3
CSI Differential Receive Input (negative)
I
H25
CSI0_RXN4
(1)
CSI Differential Receive Input (negative)
I
G24
CSI0_RXP0
CSI Differential Receive Input (positive)
I
F28
CSI0_RXP1
CSI Differential Receive Input (positive)
I
G27
CSI0_RXP2
CSI Differential Receive Input (positive)
I
G26
CSI0_RXP3
CSI Differential Receive Input (positive)
I
G25
CSI0_RXP4
(1)
CSI Differential Receive Input (positive)
I
F24
(1)
Line 4 (position 5) supports only data. For more information, see the Camera Adapter Layer (CAL) Subsystem section in the device
TRM.
Table 6-6. VIN0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
VIN0_HD
Video Input Horizontal Sync
I
P23
VIN0_PCLK
Video Input Pixel Clock
I
R28
VIN0_VD
Video Input Vertical Sync
I
R23
VIN0_DATA0
Video Input Data 0
I
N23
VIN0_DATA1
Video Input Data 1
I
M26
VIN0_DATA2
Video Input Data 2
I
P28
VIN0_DATA3
Video Input Data 3
I
P27
VIN0_DATA4
Video Input Data 4
I
N26
VIN0_DATA5
Video Input Data 5
I
N25
VIN0_DATA6
Video Input Data 6
I
P24
VIN0_DATA7
Video Input Data 7
I
R27
VIN0_DATA8
Video Input Data 8
I
T24
VIN0_DATA9
Video Input Data 9
I
T23
AM6548, AM6528, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
62
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com