| Electronic Components Datasheet Search |
|
AM6528BACDXEA Datasheet(PDF) 74 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM6528BACDXEA Datasheet(HTML) 74 Page - Texas Instruments |
|
74 / 282 page ![]() Table 6-25. GPIO1 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] ACD [4] GPIO1_0 General Purpose Input/Output IO AD18 GPIO1_1 General Purpose Input/Output IO AH18 GPIO1_2 General Purpose Input/Output IO D25 GPIO1_3 General Purpose Input/Output IO B26 GPIO1_4 General Purpose Input/Output IO A24 GPIO1_5 General Purpose Input/Output IO E24 GPIO1_6 General Purpose Input/Output IO A25 GPIO1_7 General Purpose Input/Output IO C26 GPIO1_8 General Purpose Input/Output IO E25 GPIO1_9 General Purpose Input/Output IO A26 GPIO1_10 General Purpose Input/Output O B25 GPIO1_11 General Purpose Input/Output IO B27 GPIO1_12 General Purpose Input/Output I C25 GPIO1_13 General Purpose Input/Output IO (1) A23 GPIO1_14 General Purpose Input/Output IO (1) B23 GPIO1_15 General Purpose Input/Output IO AG13 GPIO1_16 General Purpose Input/Output IO AF13 GPIO1_17 General Purpose Input/Output IO AH13 GPIO1_18 General Purpose Input/Output IO AE13 GPIO1_19 General Purpose Input/Output IO AD13 GPIO1_20 General Purpose Input/Output IO AD12 GPIO1_21 General Purpose Input/Output IO AG12 GPIO1_22 General Purpose Input/Output IO AH12 GPIO1_23 General Purpose Input/Output IO AE12 GPIO1_24 General Purpose Input/Output IO AF12 GPIO1_25 General Purpose Input/Output IO AF11 GPIO1_26 General Purpose Input/Output IO AE11 GPIO1_27 General Purpose Input/Output IO AG11 GPIO1_28 General Purpose Input/Output IO AD11 GPIO1_29 General Purpose Input/Output IO V24 GPIO1_30 General Purpose Input/Output IO W25 GPIO1_31 General Purpose Input/Output IO W24 GPIO1_32 General Purpose Input/Output IO AA27 GPIO1_33 General Purpose Input/Output IO Y24 GPIO1_34 General Purpose Input/Output IO V28 GPIO1_35 General Purpose Input/Output IO Y25 GPIO1_36 General Purpose Input/Output IO U27 GPIO1_37 General Purpose Input/Output IO V27 GPIO1_38 General Purpose Input/Output IO V26 GPIO1_39 General Purpose Input/Output IO U25 GPIO1_40 General Purpose Input/Output IO AB25 GPIO1_41 General Purpose Input/Output IO AD27 GPIO1_42 General Purpose Input/Output IO AC26 GPIO1_43 General Purpose Input/Output IO AD26 GPIO1_44 General Purpose Input/Output IO AA24 AM6548, AM6528, AM6526 SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021 www.ti.com 74 Submit Document Feedback Copyright © 2021 Texas Instruments Incorporated Product Folder Links: AM6548 AM6528 AM6526 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |