Electronic Components Datasheet Search
  English  ▼

X  

MIC2285 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2285
Description  8MHz PWM Synchronous Buck Regulator with LDO Standby Mode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2285 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2285 Datasheet HTML 1Page - Micrel Semiconductor MIC2285 Datasheet HTML 2Page - Micrel Semiconductor MIC2285 Datasheet HTML 3Page - Micrel Semiconductor MIC2285 Datasheet HTML 4Page - Micrel Semiconductor MIC2285 Datasheet HTML 5Page - Micrel Semiconductor MIC2285 Datasheet HTML 6Page - Micrel Semiconductor MIC2285 Datasheet HTML 7Page - Micrel Semiconductor MIC2285 Datasheet HTML 8Page - Micrel Semiconductor MIC2285 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Micrel, Inc.
MIC2285
January 2006
5
M9999-012406
www.micrel.com
Typical Characteristics – PWM Mode
0
10
20
30
40
50
60
70
80
90
100
OUTPUT CURRENT (mA)
2.5VOUT Efficiency
0
100
200
300
400
500
VIN=3.2V
VIN=3.6V
VIN=4.2V
0
10
20
30
40
50
60
70
80
90
100
OUTPUT CURRENT (mA)
1.8VOUT Efficiency
0
100
200
300
400
500
VIN=3.2V
VIN=3.6V
VIN=4.2V
0
10
20
30
40
50
60
70
80
90
100
OUTPUT CURRENT (mA)
1.5VOUT Efficiency
0
100
200
300
400
500
VIN=3.2V
VIN=3.6V
VIN=4.2V
0
10
20
30
40
50
60
70
80
90
100
OUTPUT CURRENT (mA)
0
100
200
300
400
500
1.2VOUT Efficiency
VIN=3.2V
VIN=3.6V
VIN=4.2V
0
10
20
30
40
50
60
70
80
90
100
OUTPUT CURRENT (mA)
1.0VOUT Efficiency
0
100
200
300
400
500
VIN=3.2V
VIN=3.6V
VIN=4.2V
0.990
0
Load Regulation
0.994
0.998
1.002
1.006
1.010
1.014
1.018
OUTPUT CURRENT (mA)
100
200
300
400
500
VIN=3.6V
LowQ=VIN
600
700
800
900
1000
1100
2.7
INPUT VOLTAGE (V)
Quiescent Current
vs. Input Voltage
3.1 3.5 3.9 4.3 4.7 5.1 5.5
7.0
7.5
8.0
8.5
9.0
2.7
INPUT VOLTAGE (V)
Frequency
vs. Input Voltage
3.1 3.5 3.9 4.3 4.7 5.1 5.5
0
200
400
600
800
1000
1200
2.7
3.4
4.1
4.8
5.5
SUPPLY VOLTAGE (V)
Peak Current Limit
vs. Supply Voltage
LowQ = V
IN
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
2.7
3.4
4.1
4.8
5.5
SUPPLY VOLTAGE (V)
Enable Threshold
vs. Supply Voltage
LowQ = V
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com