Electronic Components Datasheet Search
  English  ▼

X  

MIC2285 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2285
Description  8MHz PWM Synchronous Buck Regulator with LDO Standby Mode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2285 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2285 Datasheet HTML 1Page - Micrel Semiconductor MIC2285 Datasheet HTML 2Page - Micrel Semiconductor MIC2285 Datasheet HTML 3Page - Micrel Semiconductor MIC2285 Datasheet HTML 4Page - Micrel Semiconductor MIC2285 Datasheet HTML 5Page - Micrel Semiconductor MIC2285 Datasheet HTML 6Page - Micrel Semiconductor MIC2285 Datasheet HTML 7Page - Micrel Semiconductor MIC2285 Datasheet HTML 8Page - Micrel Semiconductor MIC2285 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MIC2285
8MHz PWM Synchronous Buck
Regulator with LDO Standby Mode
Patent Pending
LOWQ
is a trademark of Micrel, Inc
MLF and MicroLeadFrame are trademarks of Amkor Technology, Inc
Micrel, Inc • 2180 Fortune Drive • San Jose, Ca 95131 • USA • tel +1 (408) 944-0800 • fax +1 (408) 474-1000 • http://www.micrel.com
January 2006
M9999-012406
www.micrel.com
General Description
The Micrel MIC2285 is a high efficiency 8MHz pulse
width modulated (PWM) synchronous buck (step-
down) regulator that features a LOWQ™ LDO standby
mode that draws only 18µA of quiescent current. The
MIC2285 allows an ultra-low noise, small size, and
high efficiency solution for portable power applications.
In PWM mode, the MIC2285 operates with a constant
frequency 8MHz PWM control.
Under light load
conditions, such as in system sleep or standby modes,
the PWM switching operation can be disabled to
reduce switching losses. In this light load LOWQ™
mode, the LDO maintains the output voltage and
draws only 18µA of quiescent current. The LDO mode
of operation saves battery life while not introducing
spurious noise and high ripple as experienced with
pulse skipping or bursting mode regulators.
The MIC2285 operates from a 2.7V to 5.5V input
voltage and features internal power MOSFETs that can
supply up to 500mA output current in PWM mode. It
can operate with a maximum duty cycle of 100% for
use in low-dropout conditions.
The MIC2285 is available in the 10-pin 3mm x 3mm
MLF™ package with a junction operating range from
–40
°C to +125°C.
Data sheets and support documentation can be found
on Micrel’s web site at: www.micrel.com.
Features
• 2.7 to 5.5V supply/input voltage
• Light load LOWQ™ LDO mode
20µA quiescent current
Low noise, 75µVrms
• 8MHz PWM mode
Output current to 500mA
>90% efficiency
100% maximum duty cycle
• Adjustable output voltage option down to 1V
Fixed output voltage options available
• Ultra-fast transient response
• Uses a tiny 0.47µH inductor
• Enables sub 1mm profile solution
• Fully integrated MOSFET switches
• Micropower shutdown
• Thermal shutdown and current limit protection
• Pb-free 10-pin 3mm x 3mm MLF package
• –40°C to +125°C junction temperature range
Applications
• Cellular phones
• PDAs
• USB peripherals
____________________________________________________________________________________________________
Typical Application
Adjustable Output Buck Regulator with LOWQ™ Mode
0
10
20
30
40
50
60
70
80
90
100
OUTPUT CURRENT (mA)
1.8VOUT Efficiency
0
100
200
300
400
500
VIN=3.2V
VIN=3.6V
VIN=4.2V


Similar Part No. - MIC2285

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2285A MICREL-MIC2285A Datasheet
551Kb / 14P
8MHz PWM Synchronous Buck Regulator with LDO Standby Mode
MIC2285AYMT MICREL-MIC2285AYMT Datasheet
551Kb / 14P
8MHz PWM Synchronous Buck Regulator with LDO Standby Mode
More results

Similar Description - MIC2285

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2205 MICREL-MIC2205 Datasheet
453Kb / 16P
2MHz PWM Synchronous Buck Regulator with LDO Standby Mode
MIC3385 MICREL-MIC3385 Datasheet
672Kb / 15P
8MHz Power System Module with LDO Standby Mode
MIC2245 MICREL-MIC2245 Datasheet
564Kb / 14P
4MHz PWM Synchronous Buck Regulator with LDO Standby Mode
MIC2285A MICREL-MIC2285A Datasheet
551Kb / 14P
8MHz PWM Synchronous Buck Regulator with LDO Standby Mode
MIC3385 MICREL-MIC3385_10 Datasheet
558Kb / 14P
8MHz Inductorless Buck Regulator with LDO Standby Mode
MIC23030 MICREL-MIC23030 Datasheet
694Kb / 17P
8MHz PWM 400mA Buck Regulator with HyperLight Load
MIC2205 MICREL-MIC2205_06 Datasheet
981Kb / 16P
2MHz PWM Synchronous Buck Regulator with LDO Standby Mode
MIC3385 MICREL-MIC3385_15 Datasheet
547Kb / 15P
8MHz Inductorless Buck Regulator with LDO Standby Mode
logo
ON Semiconductor
FAN65005A ONSEMI-FAN65005A Datasheet
1Mb / 26P
Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
FAN65008B ONSEMI-FAN65008B Datasheet
1Mb / 26P
Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com