Electronic Components Datasheet Search
  English  ▼

X  

SMH4803DFMP Datasheet(PDF) 12 Page - Summit Microelectronics, Inc.

Part # SMH4803DFMP
Description  Distributed Power Hot-Swap Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMH4803DFMP Datasheet(HTML) 12 Page - Summit Microelectronics, Inc.

Back Button SMH4803DFMP Datasheet HTML 8Page - Summit Microelectronics, Inc. SMH4803DFMP Datasheet HTML 9Page - Summit Microelectronics, Inc. SMH4803DFMP Datasheet HTML 10Page - Summit Microelectronics, Inc. SMH4803DFMP Datasheet HTML 11Page - Summit Microelectronics, Inc. SMH4803DFMP Datasheet HTML 12Page - Summit Microelectronics, Inc. SMH4803DFMP Datasheet HTML 13Page - Summit Microelectronics, Inc. SMH4803DFMP Datasheet HTML 14Page - Summit Microelectronics, Inc. SMH4803DFMP Datasheet HTML 15Page - Summit Microelectronics, Inc. SMH4803DFMP Datasheet HTML 16Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
12
SMH4803
2041 8.4 6/15/00
SUMMIT MICROELECTRONICS
Dropper Resistor Selection
The SMH4803 is powered from the high-voltage supply
via a dropper resistor, Rd. The dropper resistor must
provide the SMH4803 (and its loads) with sufficient oper-
ating current under minimum supply voltage conditions,
but must not allow the maximum supply current to be
exceeded under maximum supply voltage conditions.
The dropper resistor value is calculated from:
RD =
Where Vsmin is the lowest operating supply voltage,
Vddmax is the upper limit of the SMH4803 supply voltage,
Idd is minimum current required for the SMH4803 to
operate, and Iload is any additional load current from the
2.5V and 5V outputs and between Vdd and Vss.
The min/max current limits are easily met using the
dropper resistor except in circumstances where the input
voltage may swing over a very wide range, e.g. input
varies between 20V and 100V. In these circumstances it
may be necessary to add an 11V zener diode between
VDD and VSS to handle the wide current range. The zener
voltage should be below the nominal regulation voltage of
the SMH4803 so that it becomes the primary regulator.
MOSFET VDS(ON) Threshold
The drain sense input on the SMH4803 monitors the
voltage at the drain of the external power MOSFET switch
with respect to VSS. When the MOSFET’s VDS is below the
user-defined value the switch is considered to be ON. The
VDS(ON) is adjusted using the resistor, RT, in series with
the drain sense protection diode.
This protection or
blocking diode prevents high voltage breakdown of
the drain sense input when the MOSFET switch is
OFF. An inexpensive 1N4148 diode offers protection up
to 100V. The VDS(ON) threshold is calculated from:
VDS = VSENSE – (ISENSE
× RT) – VDIODE – (IRS × RS)
Where VDIODE is the forward voltage drop of the protection
diode, and IRS is the current flowing through the circuit
breaker sense resistor RS. The VDS(ON) threshold varies
over temperature due to the temperature dependence of
VDIODE and ISENSE.
The calculation below gives the
VDS(ON) threshold under the worst case condition of
+85°C ambient. Using a 68k
Ω resistor for RT gives:
VDS(ON) threshold =
2.5V – (15µA x 68k
Ω) – VDIODE =
2.5 – 1.0 – 0.5 = 1.0V
APPLICATIONS CIRCUITS
Reversing Polarity of the Power Good Outputs
The open-drain Power Good outputs on the SMH4803 are
active LO. The output polarity may be changed to active
HI, when required, with a minor circuit change around the
high-voltage buffer transistor, see Figure 6. The 1N4148
blocking diode must be included to prevent high-voltage
damage to the SMH4803.
Expanding Enable/Monitoring on the SMH4803
The 2.5V reference and 5V outputs on the SMH4803
make it easy to expand the number of enable or monitor-
ing inputs. The circuit in Figure 8 illustrates how a quad
low-voltage comparator expands the EN/TS input to four
enable inputs. The comparators draw power from the 5V
output on the SMH4803 and use the 2.5V reference for
the switching threshold. EN1 to EN4 inputs can accept
either analog or CMOS logic level signals between Vss
and +5V. The comparator outputs are ANDed together
and drive the EN/TS input. A 1M
Ω resistor adds hysteresis
around the comparators to prevent oscillation near the trip
point.
(
VS min – VDD max)
(
IDD +
Iload)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com