Electronic Components Datasheet Search
  English  ▼

X  

SMH4803DFMP Datasheet(PDF) 20 Page - Summit Microelectronics, Inc.

Part # SMH4803DFMP
Description  Distributed Power Hot-Swap Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMH4803DFMP Datasheet(HTML) 20 Page - Summit Microelectronics, Inc.

Back Button SMH4803DFMP Datasheet HTML 14Page - Summit Microelectronics, Inc. SMH4803DFMP Datasheet HTML 15Page - Summit Microelectronics, Inc. SMH4803DFMP Datasheet HTML 16Page - Summit Microelectronics, Inc. SMH4803DFMP Datasheet HTML 17Page - Summit Microelectronics, Inc. SMH4803DFMP Datasheet HTML 18Page - Summit Microelectronics, Inc. SMH4803DFMP Datasheet HTML 19Page - Summit Microelectronics, Inc. SMH4803DFMP Datasheet HTML 20Page - Summit Microelectronics, Inc. SMH4803DFMP Datasheet HTML 21Page - Summit Microelectronics, Inc. SMH4803DFMP Datasheet HTML 22Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
20
SMH4803
2041 8.4 6/15/00
SUMMIT MICROELECTRONICS
ORDERING INFORMATION
Pin Detect Function
Blank = Enabled
P = Disabled
Circuit Breaker Delay
K = 400
µs
L = 150
µs
M = 50
µs
N = 5
µs
Quick-Trip Threshold
E = 200mV
F = 100mV
H = 60mV
J = OFF
Base Part Number
SMH4803 AE KP
2041 ILL8.3
Power Good Delay
A = 5ms
B = 20ms
C = 80ms
D = 160ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com