Electronic Components Datasheet Search
  English  ▼

X  

5452621 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 5452621
Description  PCB connection terminal block - BC-381X9- 5 BK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5452621 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  5452621 Datasheet HTML 1Page - PHOENIX CONTACT 5452621 Datasheet HTML 2Page - PHOENIX CONTACT 5452621 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
https://www.phoenixcontact.com/us/products/5452621
05/06/2016   Page 3 / 3
PCB connection terminal block - BC-381X9- 5 BK - 5452621
Approvals
VDE Zeichengenehmigung 
 
 
mm²/AWG/kcmil
0.14-1.5
Nominal current IN
13.5 A
Nominal voltage UN
200 V
IECEE CB Scheme 
 
 
mm²/AWG/kcmil
0.14-1.5
Nominal current IN
13.5 A
Nominal voltage UN
200 V
cULus Recognized 
Drawings
Diagram
0
2
4
6
8
10
12
14
16
18
20
100
80
60
40
20
0
=1,5mm
2
Ambienttemperature[°C]
Phoenix Contact 2016 © - all rights reserved
http://www.phoenixcontact.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com