Electronic Components Datasheet Search
  English  ▼

X  

5452621 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 5452621
Description  PCB connection terminal block - BC-381X9- 5 BK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5452621 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  5452621 Datasheet HTML 1Page - PHOENIX CONTACT 5452621 Datasheet HTML 2Page - PHOENIX CONTACT 5452621 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/5452621
05/06/2016   Page 1 / 3
PCB connection terminal block - BC-381X9- 5 BK - 5452621
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB terminal block, Nominal current: 13.5 A, Nom. voltage: 200 V, Pitch: 3.81 mm, Number of positions:
5, Connection method: Screw connection with tension sleeve, Mounting: Wave soldering, Conductor/PCB
connection direction: 0 °, Color: black
The figure shows the gray 3-pos.
version
Key Commercial Data
Packing unit
1 pc
Minimum order quantity
100 pc
Custom tariff number
85369010
Country of origin
China
Classifications
eCl@ss
eCl@ss 4.0
27141111
eCl@ss 4.1
27141109
eCl@ss 5.0
27141190
eCl@ss 5.1
27141190
eCl@ss 6.0
27261101
eCl@ss 7.0
27440401
eCl@ss 8.0
27440401
eCl@ss 9.0
27440401
ETIM
ETIM 3.0
EC001121
ETIM 4.0
EC002643
ETIM 5.0
EC002643


Similar Part No. - 5452621

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5452620 PHOENIX-5452620 Datasheet
91Kb / 3P
PCB connection terminal block - BC-381X9- 4 BK
5452622 PHOENIX-5452622 Datasheet
91Kb / 3P
PCB connection terminal block - BC-381X9- 6 BK
5452623 PHOENIX-5452623 Datasheet
91Kb / 3P
PCB connection terminal block - BC-381X9- 7 BK
5452624 PHOENIX-5452624 Datasheet
91Kb / 3P
PCB connection terminal block - BC-381X9- 9 BK
5452625 PHOENIX-5452625 Datasheet
91Kb / 3P
PCB connection terminal block - BC-381X9-10 BK
More results

Similar Description - 5452621

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5452617 PHOENIX-5452617 Datasheet
90Kb / 3P
PCB connection terminal block - BC-381X9- 2 BK
5452618 PHOENIX-5452618 Datasheet
91Kb / 3P
PCB connection terminal block - BC-381X9- 8 BK
5452619 PHOENIX-5452619 Datasheet
91Kb / 3P
PCB connection terminal block - BC-381X9- 3 BK
5452620 PHOENIX-5452620 Datasheet
91Kb / 3P
PCB connection terminal block - BC-381X9- 4 BK
5452628 PHOENIX-5452628 Datasheet
91Kb / 3P
PCB connection terminal block - BC-381X9-13 BK
5452629 PHOENIX-5452629 Datasheet
91Kb / 3P
PCB connection terminal block - BC-381X9-14 BK
5452626 PHOENIX-5452626 Datasheet
91Kb / 3P
PCB connection terminal block - BC-381X9-11 BK
5452623 PHOENIX-5452623 Datasheet
91Kb / 3P
PCB connection terminal block - BC-381X9- 7 BK
5452624 PHOENIX-5452624 Datasheet
91Kb / 3P
PCB connection terminal block - BC-381X9- 9 BK
5452625 PHOENIX-5452625 Datasheet
91Kb / 3P
PCB connection terminal block - BC-381X9-10 BK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com