Electronic Components Datasheet Search
  English  ▼

X  

54641D Datasheet(PDF) 13 Page - Agilent(Hewlett-Packard)

Part # 54641D
Description  54600-Series Oscilloscopes
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

54641D Datasheet(HTML) 13 Page - Agilent(Hewlett-Packard)

Back Button 54641D Datasheet HTML 9Page - Agilent(Hewlett-Packard) 54641D Datasheet HTML 10Page - Agilent(Hewlett-Packard) 54641D Datasheet HTML 11Page - Agilent(Hewlett-Packard) 54641D Datasheet HTML 12Page - Agilent(Hewlett-Packard) 54641D Datasheet HTML 13Page - Agilent(Hewlett-Packard) 54641D Datasheet HTML 14Page - Agilent(Hewlett-Packard) 54641D Datasheet HTML 15Page - Agilent(Hewlett-Packard) 54641D Datasheet HTML 16Page - Agilent(Hewlett-Packard) 54641D Datasheet HTML 17Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
Performance Characteristics
Acquisition: Analog Channels
Max Sample Rate
54621A/D, 54622A/D, 54624A: 200 MSa/s
54641A/D, 54642A/D: 2 GSa/sec interleaved, 1 GSa/sec each channel
Max Memory Depth
54621A/D, 54622A/D, 54624A: 4 MB interleaved, 2 MB each channel
54641A/D, 54642A/D: 8 MB interleaved, 4 MB each channel
Vertical Resolution
8 bits
Peak Detection
54621A/D, 54622A/D, 54624A: 5 ns
54641A/D, 54642A/D: 1 ns @ max sample rate
Averaging
Selectable from 2, 4, 8, 16, 32, 64 … to 16383
High Resolution Mode
54621A/D, 54622A/D, 54624A: 12 bits of resolution when
≥500 µs/div, (average mode with ave = 1)
54641A/D, 54642A/D: 12 bits of resolution when
≥100 µs/div, (average mode with ave = 1)
Filter
Sinx/x interpolation (single shot BW = sample rate/4 or bandwidth of scope, whichever is less) with vectors on.
Acquisition: Digital Channels (54621D, 54622D, 54641D, and 54642D only)
Max Sample Rate
54621D, 54622D: 400 MSa/s interleaved, 200 MSa/s each channel
54641D, 54642D: 1 GSa/s
Max Memory Depth
54621D, 54622D: 8 Mb interleaved, 4 Mb ea. channel
54641D, 54642D: 4 Mb
Vertical Resolution
1 bit
Glitch Detection
5 ns
(min pulse width)
Vertical System: Analog Channels
Analog Channels
54621A/D, 54622A/D, 54641A/D, 54642A/D: Ch 1 and 2 simultaneous acquisition
54624A: Ch 1, 2, 3 and 4 simultaneous acquisition
Bandwidth (-3dB)*
54621A/D: dc to 60 MHz
54622A/D, 54624A: dc to 100 MHz
54641A/D: dc to 350 MHz
54642A/D: dc to 500 MHz
ac Coupled
54621A/D: 3.5 Hz to 60 MHz
54622A/D: 54624A: 3.5 Hz to 100 MHz
54641A/D: 3.5 Hz to 350 MHz
54642A/D: 3.5 Hz to 500 MHz
Calculated Risetime
54621A/D: ~5.8 ns
(=0.35/bandwidth)
54622A/D, 54624A: ~3.5 ns
54641A/D: ~1.0 ns
54642A/D: ~700 ps
Single Shot Bandwidth
54621A/D, 54622A/D, 54624A: 50 MHz
54641A/D: 350 MHz maximum
54642A/D: 500 MHz maximum
* Denotes Warranted Specifications, all others are typical. Specifications are valid after a 30-minute warm-up period and ±10 °C from firmware calibration temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com