Electronic Components Datasheet Search
  English  ▼

X  

54641D Datasheet(PDF) 21 Page - Agilent(Hewlett-Packard)

Part # 54641D
Description  54600-Series Oscilloscopes
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

54641D Datasheet(HTML) 21 Page - Agilent(Hewlett-Packard)

Back Button 54641D Datasheet HTML 16Page - Agilent(Hewlett-Packard) 54641D Datasheet HTML 17Page - Agilent(Hewlett-Packard) 54641D Datasheet HTML 18Page - Agilent(Hewlett-Packard) 54641D Datasheet HTML 19Page - Agilent(Hewlett-Packard) 54641D Datasheet HTML 20Page - Agilent(Hewlett-Packard) 54641D Datasheet HTML 21Page - Agilent(Hewlett-Packard) 54641D Datasheet HTML 22Page - Agilent(Hewlett-Packard) 54641D Datasheet HTML 23Page - Agilent(Hewlett-Packard) 54641D Datasheet HTML 24Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
Ordering Information
Description
54621A
2-channel 60 MHz Oscilloscope
54621D
2+16 channel 60 MHz Mixed Signal Oscilloscope
54622A
2-channel 100 MHz Oscilloscope
54622D
2+16 channel 100 MHz Mixed Signal Oscilloscope
54624A
4-channel 100 MHz Oscilloscope
54641A
2-channel 350 MHz Oscilloscope
54641D
2+16 channel 350 MHz Mixed Signal Oscilloscope
54642A
2-channel 500 MHz Oscilloscope
54642D
2+16 channel 500 MHz Mixed Signal Oscilloscope
Accessories Included:
54621A 54621D 54622A 54622D 54624A 54641A 54641D 54642A 54642D
User’s Guide (localized),
√√√√√√√√√
Service Manual,
Programmer’s Manual
Power cord
√√√√√√√√√
10073C 10:1 divider
000002222
probes with readout
10074C 10:1 divider
222240000
probes with readout
16:2 x 8 input logic
√√
√√
input probe assembly
Accessories pouch
√√√√√√√
and front panel cover
IntuiLink software
**
**
√√√√√√√
RS-232 cable
** IntuiLink Software available free on web at www.agilent.com/find/intuilink
Manual Options (if no option is specified, English ABA will be shipped)
ABA
English
ABJ
Japanese
AB2
Simplified Chinese



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com