Electronic Components Datasheet Search
  English  ▼

X  

R3-LC2 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R3-LC2
Description  Remote I/O R3 Series STRAIN GAUGE INPUT MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-LC2 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R3-LC2 Datasheet HTML 1Page - M-System Co.,Ltd. R3-LC2 Datasheet HTML 2Page - M-System Co.,Ltd. R3-LC2 Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: R3-LC2
R3-LC2 SPECIFICATIONS
ES-8371 Rev.4 Page 3/3
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
1
2
–
+
INTERNAL POWER
* For dual redundant communication.
Control
Circuit
Communication
Circuit
Input Circuit
DIP SW
RUN LED ERR LED
3
4
5
–
+
–
+
+
+
Input Circuit
15
13
20
14
11
12
STRAIN
GAUGE
ZERO
ADJ.
SPAN
ADJ.
TARE
ADJ.
INPUT 1
INPUT 1
CONTACT
INPUT 1
EXC. 1
0V
6
7
–
+
Input Circuit
8
9
10
–
+
–
+
+
+
Input Circuit
18
19
16
17
STRAIN
GAUGE
ZERO
ADJ.
SPAN
ADJ.
TARE
ADJ.
INPUT 2
INPUT 2
CONTACT
INPUT 2
–
+
+
+
ZERO
ADJ.
SPAN
ADJ.
TARE
ADJ.
EXC. 2
0V
Contact Input Circuit
Control
Circuit
Excitation Supply
–
+
INTERNAL BUS A
INTERNAL BUS B *
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com