Electronic Components Datasheet Search
  English  ▼

X  

R3-LC2 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R3-LC2
Description  Remote I/O R3 Series STRAIN GAUGE INPUT MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-LC2 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R3-LC2 Datasheet HTML 1Page - M-System Co.,Ltd. R3-LC2 Datasheet HTML 2Page - M-System Co.,Ltd. R3-LC2 Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: R3-LC2
R3-LC2 SPECIFICATIONS
ES-8371 Rev.4 Page 1/3
http://www.m-system.co.jp/
Remote I/O R3 Series
STRAIN GAUGE INPUT MODULE
(2 points, isolated)
109
(4.29)
27.5 (1.08)
130
(5.12)
mm (inch)
MODEL: R3-LC2[1][2]
ORDERING INFORMATION
• Code number: R3-LC2[1][2]
Specify a code from below for each of [1] and [2].
(e.g. R3-LC2W/Q)
• Specify the specification for option code /Q
(e.g. /C01/SET)
NO. OF CHANNELS
2: 2
[1] COMMUNICATION MODE
S: Single
W: Dual
[2] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-8371)
GENERAL SPECIFICATIONS
Connection
Internal bus: Via the Installation Base (model: R3-BSx)
Input: M3 separable screw terminal (torque 0.5 N·m)
Internal power: Via the Installation Base (model: R3-BSx)
Screw terminal: Nickel-plated steel
Isolation: Input 1 to input 2 to contact input 1 to contact
input 2 to internal bus or internal power
Input range: Selectable with the side DIP SW
Conversion rate: Selectable with the side DIP SW
RUN indicator: Bi-color (red/green) LED;
Red when the bus A operates normally;
Green when the bus B operates normally;
Amber when both buses operate normally.
ERR indicator: Bi-color (red/green) LED;
Red with input abnormality;
Green in normal operating conditions.
INPUT SPECIFICATIONS
■ Strain Gauge Input
•Strain Gauge
Rated output from strain gauge:
0.0 – 1.0 mV/V (-5.0 – +5.0 mV, span 1.0 – 10 mV)
0.0 – 3.0 mV/V (-15.0 – +15.0 mV, span 5.0 – 30 mV)
•Excitation: 5 V
Maximum current: 60 mA
Load resistance: 85 Ω minimum
■ Contact Input
Number of input: 3 points (zero, span, tare adjustments) per
input channel, 6 points in total
Isolation: Optical isolator + transformer (internal power
supply)
Input resistance: Approx. 5.9 kΩ
Common: Negative commons, every 3 points
Contact detecting: 13 V DC
(max. 24 V DC with no load)
ON current/resistance: ≥ 1.5 mA, ≤ 1.5 kΩ
OFF current/resistance: ≤ 0.75 mA, ≥ 18 kΩ
Detection levels
ON: ≥ 10 V
OFF: ≤ 4 V
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R3-BSx)
Weight: 250 g (0.55 lb)


Similar Part No. - R3-LC2

ManufacturerPart #DatasheetDescription
logo
RAYEX ELECTRONICS CO., ...
R3-1A05 RAYEX-R3-1A05 Datasheet
1Mb / 2P
R2/R3 SERIES
R3-1B05 RAYEX-R3-1B05 Datasheet
1Mb / 2P
R2/R3 SERIES
R3-1C05 RAYEX-R3-1C05 Datasheet
1Mb / 2P
R2/R3 SERIES
R3-2A05 RAYEX-R3-2A05 Datasheet
1Mb / 2P
R2/R3 SERIES
logo
Trumeter Technologies
R3-4916A TRUMETER-R3-4916A Datasheet
525Kb / 3P
6 Digit Non-Reset Counter
More results

Similar Description - R3-LC2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-DA64A MSYSTEM-R3-DA64A Datasheet
164Kb / 6P
Remote I/O R3 Series DISCRETE INPUT MODULE
R3-MS8 MSYSTEM-R3-MS8 Datasheet
140Kb / 5P
Remote I/O R3 Series POTENTIOMETER INPUT MODULE
R3-MS4 MSYSTEM-R3-MS4 Datasheet
125Kb / 4P
Remote I/O R3 Series POTENTIOMETER INPUT MODULE
R3-SRS4A MSYSTEM-R3-SRS4A Datasheet
152Kb / 4P
Remote I/O R3 Series RTD INPUT MODULE
R3-SDA16 MSYSTEM-R3-SDA16 Datasheet
154Kb / 4P
Remote I/O R3 Series DISCRETE INPUT MODULE
R3-RS8B MSYSTEM-R3-RS8B Datasheet
145Kb / 4P
Remote I/O R3 Series RTD INPUT MODULE
R3-RS8 MSYSTEM-R3-RS8 Datasheet
140Kb / 5P
Remote I/O R3 Series RTD INPUT MODULE
R3-RS4A MSYSTEM-R3-RS4A Datasheet
136Kb / 4P
Remote I/O R3 Series RTD INPUT MODULE
R3Y-RS8 MSYSTEM-R3Y-RS8 Datasheet
134Kb / 5P
Remote I/O R3 Series RTD INPUT MODULE
R3-TS8A MSYSTEM-R3-TS8A Datasheet
145Kb / 5P
Remote I/O R3 Series THERMOCOUPLE INPUT MODULE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com