Electronic Components Datasheet Search
  English  ▼

X  

MP8799 Datasheet(PDF) 12 Page - Exar Corporation

Part # MP8799
Description  CMOS Very Low Power, 1 MSPS, 10-Bit Analog-to-Digital Converter with 8-Channel Mux
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP8799 Datasheet(HTML) 12 Page - Exar Corporation

Back Button MP8799 Datasheet HTML 8Page - Exar Corporation MP8799 Datasheet HTML 9Page - Exar Corporation MP8799 Datasheet HTML 10Page - Exar Corporation MP8799 Datasheet HTML 11Page - Exar Corporation MP8799 Datasheet HTML 12Page - Exar Corporation MP8799 Datasheet HTML 13Page - Exar Corporation MP8799 Datasheet HTML 14Page - Exar Corporation MP8799 Datasheet HTML 15Page - Exar Corporation MP8799 Datasheet HTML 16Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
MP8799
12
Rev. 3.00
Figure 15. Example of a Reference Voltage Source
0.1
µF
MP5010
+5 V
+
–
+
–
5 k
100k
Figure 16.
5 V Analog Input
VREF(+)
VIN
+
–
RR
AIN1
VREF(–)
5 V
+5 V
+5 V
DB0
AGND
AVDD
For R = 5k use Beckman Instruments #694-3-R10k resistor array or equivalent.
NOTE: High R values affect the input BW of ADC due to the (R
∗ CIN of ADC) time constant. Therefore, for different
applications the R value needs to be selected as a tradeoff between AIN settling time and power dissipation.
1 of 8
AIN8
Figure 17.
10 V Analog Input
VREF(+)
VIN
+
–
2R
R
AIN1
VREF(–)
10 V
+5 V
+5 V
DB0
AGND
AVDD
For R = 5k use Beckman Instruments #694-3-R10k resistor array or equivalent.
NOTE: High R values affect the input BW of ADC due to the (R
∗ CIN of ADC) time constant. Therefore, for different
applications the R value needs to be selected as a tradeoff between AIN settling time and power dissipation.
2R
1 of 8
AIN8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com