Electronic Components Datasheet Search
  English  ▼

X  

MIC7111 Datasheet(PDF) 5 Page - Microchip Technology

Part # MIC7111
Description  1.8V to 11V, 15 關A, 25 kHz GBW, Rail-to-Rail Input and Output Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC7111 Datasheet(HTML) 5 Page - Microchip Technology

  MIC7111 Datasheet HTML 1Page - Microchip Technology MIC7111 Datasheet HTML 2Page - Microchip Technology MIC7111 Datasheet HTML 3Page - Microchip Technology MIC7111 Datasheet HTML 4Page - Microchip Technology MIC7111 Datasheet HTML 5Page - Microchip Technology MIC7111 Datasheet HTML 6Page - Microchip Technology MIC7111 Datasheet HTML 7Page - Microchip Technology MIC7111 Datasheet HTML 8Page - Microchip Technology MIC7111 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AC ELECTRICAL CHARACTERISTICS (2.7V)
Electrical Characteristics: Unless otherwise indicated, VV+ = +2.7V; VV– = 0V; VCM = VOUT = VV+/2; RL = 1 MΩ;
TJ = +25°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Slew Rate
SR
—
0.015
—
V/μs
Voltage follower, 1V step,
RL = 100 kΩ @ 1.35V,
VOUT = 1VPP
Gain Bandwidth Product
GBWP
—
25
—
kHz
—
 2020 Microchip Technology Inc.
DS20006316A-page 5
MIC7111
DC ELECTRICAL CHARACTERISTICS (5.0V)
Electrical Characteristics: Unless otherwise indicated, VV+ = +5.0V; VV– = 0V; VCM = VOUT = VV+/2; RL = 1 MΩ;
TJ = +25°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Input Offset Voltage
VOS
—
0.9
7
mV
—
—
—
9
mV
–40°C ≤ TJ ≤ +85°C
Input Offset Voltage
Temperature Drift
TCVOS
—
2.0
—
μV/
C —
Input Bias Current
IB
—
1
10
pA
—
—
500
–40°C ≤ TJ ≤ +85°C
Input Offset Current
IOS
—
0.01
0.5
pA
—
—
75
–40°C ≤ TJ ≤ +85°C
Input Resistance
RIN
—
>10
—
TΩ
—
Positive Power Supply
Rejection Ratio
+PSRR
65
95
—
dB
5V ≤ VV+ ≤ 10V, VV– = 0V,
VCM = VOUT = 2.5V
Negative Power Supply
Rejection Ratio
–PSRR
65
95
—
dB
–5V ≤ VV– ≤ –10V, VV+ = 0V,
VCM = VOUT = –2.5V
Common-Mode Rejection
Ratio
CMRR
57
80
—
dB
VCM = –0.2V to +5.2V
Common-Mode Input
Capacitance
CIN
—
3
—
pF
—
Output Voltage Swing
VOUT
—
0.3
1.5
mV
Output HIGH, RL = 100 kΩ,
Specified as VV+ – VOUT
—
—
1.5
Output HIGH, RL = 100 kΩ,
Specified as VV+ – VOUT
–40°C ≤ TJ ≤ +85°C
—
0.3
1.5
Output LOW, RL = 100 kΩ
—
—
1.5
Output LOW, RL = 100 kΩ
–40°C ≤ TJ ≤ +85°C
—
15
50
Output HIGH, RL = 2 kΩ,
Specified as VV+ – VOUT
—
—
75
Output HIGH, RL = 2 kΩ,
Specified as VV+ – VOUT
–40°C ≤ TJ ≤ +85°C
—
15
50
Output LOW, RL = 2 kΩ
—
—
75
Output LOW, RL = 2 kΩ
–40°C ≤ TJ ≤ +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com