Electronic Components Datasheet Search
  English  ▼

X  

MIC7111 Datasheet(PDF) 10 Page - Microchip Technology

Part # MIC7111
Description  1.8V to 11V, 15 關A, 25 kHz GBW, Rail-to-Rail Input and Output Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC7111 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MIC7111 Datasheet HTML 6Page - Microchip Technology MIC7111 Datasheet HTML 7Page - Microchip Technology MIC7111 Datasheet HTML 8Page - Microchip Technology MIC7111 Datasheet HTML 9Page - Microchip Technology MIC7111 Datasheet HTML 10Page - Microchip Technology MIC7111 Datasheet HTML 11Page - Microchip Technology MIC7111 Datasheet HTML 12Page - Microchip Technology MIC7111 Datasheet HTML 13Page - Microchip Technology MIC7111 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MIC7111
DS20006316A-page 10
 2020 Microchip Technology Inc.
3.0
APPLICATION INFORMATION
3.1
Input Common Mode Voltage
The MIC7111 tolerates input overdrive by at least
300 mV beyond either rail without producing phase
inversion.
If the absolute maximum input voltage is exceeded, the
input current should be limited to ±5 mA maximum to
prevent reducing reliability. A 10 kΩ series input
resistor, used as a current limiter, will protect the input
structure from voltages as large as 50V above the
supply or below ground. See Figure 3-1.
V
IN
R
IN
10k
V
OUT
FIGURE 3-1:
Input Current-Limit
Protection.
3.2
Output Voltage Swing
Sink and source output resistances of the MIC7111 are
equal. Maximum output voltage swing is determined by
the load and the approximate output resistance. The
output resistance is presented in Equation 3-1:
EQUATION 3-1:
ROUT
V DROP
I LOAD
------------------
=
VDROP is the voltage dropped within the amplifier
output stage. VDROP and ILOAD can be determined from
the VO (output swing) portion of the appropriate
electrical characteristics table. ILOAD is equal to the
typical output high voltage minus V+/2 and divided by
RLOAD. For example, using the DC Electrical
Characteristics (5.0V) table, the typical output voltage
drop using a 2 kΩ load (connected to V+/2) is 0.015V,
which produces an ILOAD of:
EQUATION 3-2:
2.5V
0.015V
–
2k
------------------------------------
1.243mA
=
Then:
EQUATION 3-3:
ROUT
15mV
1.243mA
----------------------
12.1
12
==
=
3.3
Driving Capacitative Loads
Driving a capacitive load introduces phase-lag into the
output signal, and this, in turn, reduces op-amp system
phase margin. The application that is least forgiving of
reduced phase margin is a unity gain amplifier. The
MIC7111 can typically drive a 500 pF capacitive load
connected directly to the output when configured as a
unity-gain amplifier.
3.4
Using Large-Value Feedback
Resistors
A large-value feedback resistor (>500 kΩ) can reduce
the phase margin of a system. This occurs when the
feedback resistor acts in conjunction with input
capacitance to create phase lag in the feedback signal.
Input capacitance is usually a combination of input
circuit components and other parasitic capacitance,
such as amplifier input capacitance and stray printed
circuit board capacitance.
Figure 3-2 illustrates a method of compensating phase
lag caused by using a large-value feedback resistor.
Feedback capacitor CFB introduces sufficient phase
lead to overcome the phase lag caused by feedback
resistor RFB and input capacitance CIN. The value of
CFB is determined by first estimating CIN and then
applying the following formula:
EQUATION 3-4:
RIN CIN
RFB
CFB
V
IN
R
IN
C
IN
C
FB
R
FB
V
OUT
FIGURE 3-2:
Canceling Feedback Phase
Lag.
Because a significant percentage of CIN may be
caused by board layout, it is important to note that the
correct value of CFB may change when changing from
a breadboard to the final circuit layout.
3.5
Typical Circuits
Some single-supply, rail-to-rail applications for which
the MIC7111 is well suited are shown in the circuit
diagrams of Figure 3-3 through Figure 3-8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com