Electronic Components Datasheet Search
  English  ▼

X  

US1AH Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # US1AH
Description  1A, 50V - 1000V High Efficient Surface Mount Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

US1AH Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  US1AH Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd US1AH Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd US1AH Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd US1AH Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd US1AH Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd US1AH Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
US1AH
– US1MH
Taiwan Semiconductor
4
Version: A2102
CHARACTERISTICS CURVES
(TA = 25°C unless otherwise noted)
Fig.6 Typical Transient Thermal Characteristics
Fig.7 Reverse Recovery Time Characteristic And Test Circuit Diagram
1
10
100
0.01
0.1
1
10
100
PULSE DURATION (s)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com