Electronic Components Datasheet Search
  English  ▼

X  

AXM0F343 Datasheet(PDF) 1 Page - ON Semiconductor

Part # AXM0F343
Description  Ultra-Low-Power Narrow-Band Sub-GHz Wireless Microcontroller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AXM0F343 Datasheet(HTML) 1 Page - ON Semiconductor

  AXM0F343 Datasheet HTML 1Page - ON Semiconductor AXM0F343 Datasheet HTML 2Page - ON Semiconductor AXM0F343 Datasheet HTML 3Page - ON Semiconductor AXM0F343 Datasheet HTML 4Page - ON Semiconductor AXM0F343 Datasheet HTML 5Page - ON Semiconductor AXM0F343 Datasheet HTML 6Page - ON Semiconductor AXM0F343 Datasheet HTML 7Page - ON Semiconductor AXM0F343 Datasheet HTML 8Page - ON Semiconductor AXM0F343 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
© Semiconductor Components Industries, LLC, 2020
April, 2021 − Rev. 0
1
Publication Order Number:
AXM0F343/D
Ultra-Low-Power
Narrow-Band Sub-GHz
Wireless Microcontroller
AXM0F343
Features
• Ultra−Low−Power System−on−Chip (SoC) with Integrated Arm®
Cortex®−M0+ and Narrow−Band Sub−GHz RF Transceiver
• Narrow−Band Sub−GHz RF Transceiver
♦ Programmable Carrier from 27 to 1050 MHz
♦ Data Rates from 100 bps to 125 kbps
♦ FSK/MSK/4−FSK/GFSK/GMSK/ASK/AFSK/PSK
♦ Wake on Radio (WOR) for Minimal Average Receiver Current
Consumption
♦ Compatible with AX50xx Series Transceivers and SoCs
• Advanced Ultra−Low−Power Modes Optimized for Extremely Long
Battery Life
♦ Hibernate Mode with Wake−up Timer Running at as Low as
600 nA
♦ Shutdown Mode with GPIO Wakeup Only 230 nA
• Up to 40 MHz Arm 32−bit Cortex−M0+
♦ AXM0F343−64
64 kB of Embedded FLASH Memory and 8 kB of Internal RAM
Memory
♦ AXM0F343−256
256 kB Embedded FLASH Memory and 32 kB Internal RAM
Memory
♦ Flexible Internal and External Clocking Options
♦ 3 Channel Arm PL230
mDMA Controller
♦ High Security: AES, CRC, and True Random Number Generator
Hardware Accelerators and Debug Port Lock
♦ 2 USART, SPI Controller, and I2C Communication Interfaces
♦ System Tick Timer, Three 16−bit General Purpose Timers, 32−bit
Tick Timer, 32−bit Wakeup Timer, and 32−bit Watchdog Timer
♦ Sigma−delta Modulator
♦ Four Capture/Compare/PWM
♦ 19 Programmable GPIO
♦ 12−bit 1M Sample/s ADC, up to 6 Channels
♦ Two Comparators
♦ Flexible Pin Mapping with Crossbar
♦ Internal 40 MHz High Speed RC Oscillator, with Software
Calibration Option Against a Reference Clock for Flexible System
Clocking
♦ Optional Low Frequency Crystal Oscillator for Accurate Low
Power Time Keeping
♦ Brown−out and Power−on−Reset Detection
♦ Internal Temperature and Voltage Sensor
• This is a Pb−Free Device
www.onsemi.com
40
1
QFN40 7x5, 0.5P
CASE 485EG
See detailed ordering and shipping information on page 32 of
this data sheet.
ORDERING INFORMATION
MARKING DIAGRAM
XXX = Specific Device Code
A
= Assembly Location
WL = Wafer Lot
YY = Year
WW = Work Week
G
= Pb−Free Package
XXXXXXXX
AWLYYWWG
Applications
27−1050 MHz Licensed and Unlicensed
Radio Systems
• Battery Operated
• Internet of Things (IoT)
• Smart Retail Including Electronic Shelf
Labels (ESL)
• Automatic Meter Reading (AMR)
• Security and Tracking Applications
• Agriculture
• Building Automation
• Wireless Networks
• Energy Harvesting Smart Sensors


Similar Part No. - AXM0F343

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AXM0F343 ONSEMI-AXM0F343 Datasheet
659Kb / 34P
Ultra-Low-Power Narrow-Band Sub-GHz Wireless Microcontroller
July, 2021 ??Rev. 1
AXM0F343-256 ONSEMI-AXM0F343-256 Datasheet
659Kb / 34P
Ultra-Low-Power Narrow-Band Sub-GHz Wireless Microcontroller
July, 2021 ??Rev. 1
AXM0F343-64 ONSEMI-AXM0F343-64 Datasheet
659Kb / 34P
Ultra-Low-Power Narrow-Band Sub-GHz Wireless Microcontroller
July, 2021 ??Rev. 1
AXM0F343 ONSEMI-AXM0F343_V01 Datasheet
659Kb / 34P
Ultra-Low-Power Narrow-Band Sub-GHz Wireless Microcontroller
July, 2021 ??Rev. 1
More results

Similar Description - AXM0F343

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RWS-434N-2 ETC2-RWS-434N-2 Datasheet
961Kb / 5P
Wireless Narrow Band Receiver Module
RWS-434N-3 ETC2-RWS-434N-3 Datasheet
957Kb / 5P
Wireless Narrow Band Receiver Module
RWS-434N-6 ETC2-RWS-434N-6 Datasheet
957Kb / 5P
Wireless Narrow Band Receiver Module
RWS-438-2 ETC2-RWS-438-2 Datasheet
290Kb / 3P
Wireless Narrow Band Receiver Module
RWS-438-3 ETC2-RWS-438-3 Datasheet
290Kb / 3P
Wireless Narrow Band Receiver Module
RWS-438-4 ETC2-RWS-438-4 Datasheet
290Kb / 3P
Wireless Narrow Band Receiver Module
RWS-438-5 ETC2-RWS-438-5 Datasheet
290Kb / 3P
Wireless Narrow Band Receiver Module
RWS-438-6 ETC2-RWS-438-6 Datasheet
302Kb / 3P
Wireless Narrow Band Receiver Module
RWS-530-2 ETC2-RWS-530-2 Datasheet
407Kb / 4P
Wireless Narrow Band Receiver Module
logo
ON Semiconductor
AXM0F343 ONSEMI-AXM0F343_V01 Datasheet
659Kb / 34P
Ultra-Low-Power Narrow-Band Sub-GHz Wireless Microcontroller
July, 2021 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com