| Electronic Components Datasheet Search |
|
AXM0F343 Datasheet(PDF) 32 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
AXM0F343 Datasheet(HTML) 32 Page - ON Semiconductor |
|
32 / 34 page ![]() AXM0F343 www.onsemi.com 32 Voltage Regulator The AXM0F343 transceiver uses its own dedicated on−chip voltage regulator system to create stable supply voltages for the internal circuitry from the primary supply VDD_IN. The I/O level of the digital pins is VDD_IN. Pins VDD_ANA are supplied for external decoupling of the power supply used for the on−chip PA. The voltage regulator system must be set into the appropriate state before receive or transmit operations can be initiated. This is handled automatically when programming the device modes via the AX5043_PWRMODE register. Register AX5043_POWSTAT contains status bits that can be read to check if the regulated voltages are ready (bit SVIO) or if VDD_IN has dropped below the brown−out level of 1.3 V (bit SSUM). In power−down mode the core supply voltages for digital and analog functions are switched off to minimize leakage power. Most register contents are preserved but access to the FIFO is not possible and FIFO contents are lost. In deep−sleep mode all supply voltages are switched off. All digital and analog functions are disabled. All register contents are lost. Typical Application Diagrams and Components For details on possible radio application diagrams and choice of components for the matching network at different operating frequencies, please consult the AX5043 datasheet at https://www.onsemi.com/pdf/datasheet/ax5043−d.pdf or visit the Community Forum at https://www.onsemi.com/ forum/. ORDERING INFORMATION Device FLASH Size RAM Size Package OPN Shipping† AXM0F343−64 64 kB 8 kB QFN40 (Pb−Free, Halide Free) AXM0F343−64-1-TX40 4000 / Tape & Reel AXM0F343−256 256 kB 32 kB QFN40 (Pb−Free, Halide Free) AXM0F343−256-1-TX40 4000 / Tape & Reel †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specification Brochure, BRD8011/D. Arm, Cortex, CoreSight and PrimeCell are registered trademarks or trademarks of Arm Limited (or its subsidiaries) in the US and/or elsewhere. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |