Electronic Components Datasheet Search
  English  ▼

X  

MPC565 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # MPC565
Description  NEXUS Debugger and Trace for PowerPC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MPC565 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button MPC565 Datasheet HTML 10Page - List of Unclassifed Manufacturers MPC565 Datasheet HTML 11Page - List of Unclassifed Manufacturers MPC565 Datasheet HTML 12Page - List of Unclassifed Manufacturers MPC565 Datasheet HTML 13Page - List of Unclassifed Manufacturers MPC565 Datasheet HTML 14Page - List of Unclassifed Manufacturers MPC565 Datasheet HTML 15Page - List of Unclassifed Manufacturers MPC565 Datasheet HTML 16Page - List of Unclassifed Manufacturers MPC565 Datasheet HTML 17Page - List of Unclassifed Manufacturers MPC565 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
NEXUS-PPC
Operation Voltage and Frequency
TRACE32 - Technical Information
15
Operation Voltage and Frequency
Operation Voltage
This list contains information on probes
available for other voltage ranges.
Probes not noted here supply an oper-
ation voltage range from 4.5V to 5.5V.
Frequency Trace
The maximum operation frequency of
TRACE32-RISC Trace or PowerTrace
depends on:
J The max. frequency of the CPU
J The number of waitstates (bus
trace)
J The divide factor between trace
clock and core clock
J The speed of the trace adapter
Adapter
Code
OrderNo Voltage Range
Nexus Adapter for MPC56x family/
AMP40NS
NEXUS-
MPC565-
AMP40NS
LA-7781
2.3 .. 3.0 V
Nexus Adapter for MPC56x family/
Glenair51
NEXUS-
MPC565-
GLEN51
LA-7782
2.3 .. 3.0 V
Nexus Adapter for MPC56x family/
AMP50
NEXUS-
MPC565-
AMP50
LA-7783
2.3 .. 3.0 V
Nexus Adapter for MPC56x family/
Mictor38
NEXUS-
MPC565-
MICTOR
LA-7791
2.3 .. 3.0 V
Module
CPU
TRACE
LA-7781
MPC533
80.0 MHz
LA-7781
MPC534
80.0 MHz
LA-7781
MPC535
80.0 MHz
LA-7781
MPC536
80.0 MHz
LA-7781
MPC561
80.0 MHz
LA-7781
MPC562
80.0 MHz
LA-7781
MPC563
80.0 MHz
LA-7781
MPC564
80.0 MHz
LA-7781
MPC565
80.0 MHz
LA-7781
MPC566
80.0 MHz
LA-7782
MPC533
80.0 MHz
LA-7782
MPC534
80.0 MHz
LA-7782
MPC535
80.0 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com