Electronic Components Datasheet Search
  English  ▼

X  

MPC565 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # MPC565
Description  NEXUS Debugger and Trace for PowerPC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MPC565 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button MPC565 Datasheet HTML 14Page - List of Unclassifed Manufacturers MPC565 Datasheet HTML 15Page - List of Unclassifed Manufacturers MPC565 Datasheet HTML 16Page - List of Unclassifed Manufacturers MPC565 Datasheet HTML 17Page - List of Unclassifed Manufacturers MPC565 Datasheet HTML 18Page - List of Unclassifed Manufacturers MPC565 Datasheet HTML 19Page - List of Unclassifed Manufacturers MPC565 Datasheet HTML 20Page - List of Unclassifed Manufacturers MPC565 Datasheet HTML 21Page - List of Unclassifed Manufacturers MPC565 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
NEXUS-PPC
Order Information
TRACE32 - Technical Information
19
Order Information
Module Description
OrderNo
Code
Text
LA-7781
NEXUS-
MPC565-
AMP40NS
Nexus Adapter for MPC56x family/AMP40NS
Adapter for NEXUS on Spanish Oak (MPC565),
Silver Oak (MPC561) and Green Oak (MPC563)
40 pin AMP connector (non standard)
includes debug and trace software
TRACE32-PowerView
LA-7782
NEXUS-
MPC565-
GLEN51
Nexus Adapter for MPC56x family/Glenair51
Adapter for NEXUS on Spanish Oak (MPC565),
Silver Oak (MPC561) and Green Oak (MPC563)
51 pin Glenair connector
includes debug and trace software
TRACE32-PowerView
LA-7783
NEXUS-
MPC565-
AMP50
Nexus Adapter for MPC56x family/AMP50
Adapter for NEXUS on Spanish Oak (MPC565),
Silver Oak (MPC561) and Green Oak (MPC563)
50 pin nonrobust AMP50 connector (AMP 104549-7)
includes debug and trace software
TRACE32-PowerView
LA-7785
NEXUS-CONV-
SMALL-50
Conv. Large NEXUS Model to Small Model AMP50
Converter from large NEXUS model AMP50
to small NEXUS model AMP50
for adapter for NEXUS on Spanish Oak (MPC565),
Silver Oak (MPC561) and Green Oak (MPC563)
LA-7791
NEXUS-
MPC565-
MICTOR
Nexus Adapter for MPC56x family/Mictor38
Adapter for NEXUS on Spanish Oak (MPC565),
Silver Oak (MPC561) and Green Oak (MPC563)
with 38 pin mictor connector
AMP40NS NEXUS connector requires LA-7793
AMP50 NEXUS connector requires LA-7794
GLENAIR51 NEXUS connector requires LA-7797
includes debug and trace software
TRACE32-PowerView
requires PowerTrace hardware
LA-7793
CONV-
MICTOR38-
AMP40
Converter Mictor38 to NEXUS/AMP40 for MPC56x
Converter from the 38 pin mictor connector on
Nexus Adapter for MPC56x family/Mictor38 (LA-7791)
to NEXUS/AMP40NS
LA-7794
CONV-
MICTOR38-
AMP50
Converter Mictor38 to NEXUS/AMP50 for MPC56x
Converter from the 38 pin mictor connector on
Nexus Adapter for MPC56x family/Mictor38 (LA-7791)
to NEXUS/AMP50
LA-7797
CONV-MIC38-
GL51-56X
Conv. Mictor38 to NEXUS/GLENAIR51 for MPC56x
Converter from the 38 pin mictor connector on
Nexus Adapter for MPC56x family/Mictor38 (LA-7791)
to NEXUS 51 pin Glenair connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com