Electronic Components Datasheet Search
  English  ▼

X  

SMDJ Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SMDJ
Description  3000W, 10V - 100V Surface Mount Transient Voltage Suppressor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SMDJ Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SMDJ Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SMDJ Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SMDJ Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SMDJ Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SMDJ Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd SMDJ Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SMDJ10A
– SMDJ100A
Taiwan Semiconductor
2
Version: I2104
THERMAL PERFORMANCE
PARAMETER
SYMBOL
TYP
UNIT
Junction-to-ambient thermal resistance
RӨJA
75
°C/W
Junction-to-lead thermal resistance
RӨJL
15
°C/W
ELECTRICAL SPECIFICATIONS (T
A = 25°C unless otherwise noted)
Part number
Marking code
Breakdown
voltage
VBR@IT
(V)
Test
current
IT
(mA)
Working
stand-off
voltage
VWM
(V)
Maximum
Reverse
Leakage
IR@VWM
(µA)
Maximum
peak impulse
current
IPPM
(A)
Maximum
clamping
voltage
VC@IPPM
(V)
Uni
Bi
Uni
Bi
Min
Max
SMDJ10A
SMDJ10CA
PDX
DDX
11.1
12.3
1
10
5
176.5
17.0
SMDJ11A
SMDJ11CA
PDZ
DDZ
12.2
13.5
1
11
1
164.8
18.2
SMDJ12A
SMDJ12CA
PEE
DEE
13.3
14.7
1
12
1
150.8
19.9
SMDJ13A
SMDJ13CA
PEG
DEG
14.4
15.9
1
13
1
139.5
21.5
SMDJ14A
SMDJ14CA
PEK
DEK
15.6
17.2
1
14
1
129.3
23.2
SMDJ15A
SMDJ15CA
PEM
DEM
16.7
18.5
1
15
1
123.0
24.4
SMDJ16A
SMDJ16CA
PEP
DEP
17.8
19.7
1
16
1
115.4
26.0
SMDJ17A
SMDJ17CA
PER
DER
18.9
20.9
1
17
1
108.7
27.6
SMDJ18A
SMDJ18CA
PET
DET
20.0
22.1
1
18
1
102.7
29.2
SMDJ20A
SMDJ20CA
PEV
DEV
22.2
24.5
1
20
1
92.6
32.4
SMDJ22A
SMDJ22CA
PEX
DEX
24.4
26.9
1
22
1
84.5
35.5
SMDJ24A
SMDJ24CA
PEZ
DEZ
26.7
29.5
1
24
1
77.1
38.9
SMDJ26A
SMDJ26CA
PFE
DFE
28.9
31.9
1
26
1
71.3
42.1
SMDJ28A
SMDJ28CA
PFG
DFG
31.1
34.4
1
28
1
66.1
45.4
SMDJ30A
SMDJ30CA
PFK
DFK
33.3
36.8
1
30
1
62.0
48.4
SMDJ33A
SMDJ33CA
PFM
DFM
36.7
40.6
1
33
1
56.3
53.3
SMDJ36A
SMDJ36CA
PFP
DFP
40.0
44.2
1
36
1
51.6
58.1
SMDJ40A
SMDJ40CA
PFR
DFR
44.4
49.1
1
40
1
46.5
64.5
SMDJ43A
SMDJ43CA
PFT
DFT
47.8
52.8
1
43
1
43.2
69.4
SMDJ45A
SMDJ45CA
PFV
DFV
50.0
55.3
1
45
1
41.3
72.7
SMDJ48A
SMDJ48CA
PFX
DFX
53.3
58.9
1
48
1
38.8
77.4
SMDJ51A
SMDJ51CA
PFZ
DFZ
56.7
62.7
1
51
1
36.4
82.4
SMDJ54A
SMDJ54CA
PGE
DGE
60.0
66.3
1
54
1
34.4
87.1
SMDJ58A
SMDJ58CA
PGG
DGG
64.4
71.2
1
58
1
32.1
93.6
SMDJ60A
SMDJ60CA
PGK
DGK
66.7
73.7
1
60
1
31.0
96.8
SMDJ64A
SMDJ64CA
PGM
DGM
71.1
78.6
1
64
1
29.1
103
SMDJ70A
PGP
77.8
86.0
1
70
1
26.5
113
SMDJ75A
PGR
83.3
92.1
1
75
1
24.8
121
SMDJ78A
PGT
86.7
95.8
1
78
1
23.8
126
SMDJ85A
PGV
94.4
104
1
85
1
21.9
137
SMDJ90A
PGX
100
111
1
90
1
20.5
146
SMDJ100A
PGZ
111
123
1
100
1
18.5
162
ORDERING INFORMATION
ORDERING CODE(1)
PACKAGE
PACKING
SMDJx
DO-214AB (SMC)
3,000 / Tape & Reel
Notes:
1.
“x” defines voltage from 10V(SMDJ10A) to 100V(SMDJ100A)
“x” defines voltage from 10V(SMDJ10CA) to 64V(SMDJ64CA)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com