Electronic Components Datasheet Search
  English  ▼

X  

SMDJ Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # SMDJ
Description  3000W, 10V - 100V Surface Mount Transient Voltage Suppressor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SMDJ Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  SMDJ Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SMDJ Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SMDJ Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SMDJ Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SMDJ Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd SMDJ Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SMDJ10A
– SMDJ100A
Taiwan Semiconductor
3
Version: I2104
CHARACTERISTICS CURVES
(TA = 25°C unless otherwise noted)
Fig.1 Peak Pulse Power Rating Curve
Fig.2 Pulse Derating Curve
Fig.3 Typical Junction Capacitance
Fig.4 Maximum Non-repetitive Forward Surge
Current
0.1
1
10
100
0.001
0.01
0.1
1
10
tp, PULSE WIDTH, (ms)
Non-repetitive
pulse waveform
shown in Fig.5
0
25
50
75
100
125
0
25
50
75
100
125
150
175
T
A, AMBIENT TEMPERATURE (°C)
10
100
1000
10000
10
100
f=1.0MHz
Vsig=50mVp-p
V
R=0
VR-rated
stand-off voltage
0
50
100
150
200
250
300
350
1
10
100
NUMBER OF CYCLES AT 60 Hz
8.3ms single half sine wave
Unidirectional only
V(BR), BREAKDOWN VOLTAGE (V)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com