Electronic Components Datasheet Search
  English  ▼

X  

S3AH Datasheet(PDF) 5 Page - T&S Brass. All Rights Reserved.

Part # S3AH
Description  3A, 50V - 1000V Surface Mount Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TS [T&S Brass. All Rights Reserved.]
Direct Link  https://www.tsbrass.com/
Logo TS - T&S Brass. All Rights Reserved.

S3AH Datasheet(HTML) 5 Page - T&S Brass. All Rights Reserved.

  S3AH Datasheet HTML 1Page - T&S Brass. All Rights Reserved. S3AH Datasheet HTML 2Page - T&S Brass. All Rights Reserved. S3AH Datasheet HTML 3Page - T&S Brass. All Rights Reserved. S3AH Datasheet HTML 4Page - T&S Brass. All Rights Reserved. S3AH Datasheet HTML 5Page - T&S Brass. All Rights Reserved. S3AH Datasheet HTML 6Page - T&S Brass. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
S3AH
– S3MH
Taiwan Semiconductor
5
Version: A2102
PACKAGE OUTLINE DIMENSIONS
DO-214AB (SMC)
SUGGESTED PAD LAYOUT
MARKING DIAGRAM
P/N
= Marking Code
G
= Green Compound
YW
= Date Code
F
= Factory Code



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com