Electronic Components Datasheet Search
  English  ▼

X  

S3AH Datasheet(PDF) 1 Page - T&S Brass. All Rights Reserved.

Part # S3AH
Description  3A, 50V - 1000V Surface Mount Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TS [T&S Brass. All Rights Reserved.]
Direct Link  https://www.tsbrass.com/
Logo TS - T&S Brass. All Rights Reserved.

S3AH Datasheet(HTML) 1 Page - T&S Brass. All Rights Reserved.

  S3AH Datasheet HTML 1Page - T&S Brass. All Rights Reserved. S3AH Datasheet HTML 2Page - T&S Brass. All Rights Reserved. S3AH Datasheet HTML 3Page - T&S Brass. All Rights Reserved. S3AH Datasheet HTML 4Page - T&S Brass. All Rights Reserved. S3AH Datasheet HTML 5Page - T&S Brass. All Rights Reserved. S3AH Datasheet HTML 6Page - T&S Brass. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
S3AH
– S3MH
Taiwan Semiconductor
1
Version: A2102
3A, 50V - 1000V Surface Mount Rectifier
FEATURES
● AEC-Q101 qualified
● Glass passivated chip junction
● Ideal for automated placement
● Low forward voltage drop
● High current capability
● High surge current capability
● Moisture sensitivity level: level 1, per J-STD-020
● RoHS Compliant
● Halogen-free according to IEC 61249-2-21
APPLICATIONS
● DC to DC converter
● Automotive application
● Car lighting
● Snubber
● General purpose
MECHANICAL DATA
● Case: DO-214AB (SMC)
● Molding compound meets UL 94V-0 flammability rating
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 2 whisker test
● Polarity: Indicated by cathode band
● Weight: 0.210g (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF
3
A
VRRM
50 - 1000
V
IFSM
100
A
TJ MAX
150
°C
Package
DO-214AB (SMC)
Configuration
Single die
DO-214AB (SMC)
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL
S3
AH
S3
BH
S3
DH
S3
GH
S3
JH
S3
KH
S3
MH
UNIT
Marking code on the device
S3A
S3B
S3D
S3G
S3J
S3K
S3M
Repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Reverse voltage, total rms value
VR(RMS)
35
70
140
280
420
560
700
V
Forward current
IF
3
A
Peak forward surge current, 8.3ms
single half sine wave superimposed
on rated load
IFSM
100
A
Junction temperature
TJ
- 55 to +150
°C
Storage temperature
TSTG
- 55 to +150
°C


Similar Part No. - S3AH

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S3AH TSC-S3AH Datasheet
577Kb / 6P
3A, 50V - 1000V Surface Mount Rectifier
More results

Similar Description - S3AH

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
S1AL TMT-S1AL_16 Datasheet
185Kb / 4P
1A, 50V - 1000V Surface Mount Rectifier
S3A TMT-S3A_16 Datasheet
359Kb / 4P
3A, 50V - 1000V Surface Mount Rectifiers
S3AB TMT-S3AB_16 Datasheet
359Kb / 4P
3A, 50V - 1000V Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
RS3A-K TSC-RS3A-K Datasheet
315Kb / 6P
3A, 50V - 1000V Surface Mount Fast Recovery Rectifier
S3A-T TSC-S3A-T Datasheet
304Kb / 5P
3A, 50V - 1000V Surface Mount Rectifier
S5AC-K TSC-S5AC-K Datasheet
312Kb / 5P
5A, 50V - 1000V Surface Mount Rectifier
S3AH TSC-S3AH Datasheet
577Kb / 6P
3A, 50V - 1000V Surface Mount Rectifier
logo
T&S Brass. All Rights R...
S3ABH TS-S3ABH Datasheet
553Kb / 6P
3A, 50V - 1000V Surface Mount Rectifier
S2AAH TS-S2AAH Datasheet
561Kb / 6P
1.5A, 50V - 1000V Surface Mount Rectifier
logo
Taiwan Semiconductor Co...
S3ABH TSC-S3ABH Datasheet
553Kb / 6P
3A, 50V - 1000V Surface Mount Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com