Electronic Components Datasheet Search
  English  ▼

X  

PIMXRT406LCAE4A Datasheet(PDF) 82 Page - NXP Semiconductors

Part # PIMXRT406LCAE4A
Description  i.MX RT1020 Crossover Processors for Industrial Products
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT406LCAE4A Datasheet(HTML) 82 Page - NXP Semiconductors

Back Button PIMXRT406LCAE4A Datasheet HTML 78Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 79Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 80Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 81Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 82Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 83Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 84Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 85Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 86Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 100 page
background image
i.MX RT1020 Crossover Processors for Industrial Products, Rev. 2, 03/2021
82
NXP Semiconductors
Package information and contact assignments
6.1.2
20 x 20 mm supplies contact assignments and functional contact
assignments
Table 82 shows the device connection list for ground, sense, and reference contact signals.
Table 83 shows an alpha-sorted list of functional contact assignments for the 20 x 20 mm package.
Table 82. 20 x 20 mm supplies contact Assignment
Supply Rail Name
Pin(s) Position(s)
Remark
DCDC_IN
34
—
DCDC_IN_Q
38
—
DCDC_GND
35
—
DCDC_LP
36
—
DCDC_PSWITCH
37
—
GPANAIO
71
—
NGND_KEL0
64
—
NVCC_GPIO
11, 20, 29, 77, 104, 112, 144
—
NVCC_PLL
72
—
NVCC_SD0
44
—
VDDA_ADC_3P3
73
—
VDD_HIGH_CAP
65
—
VDD_HIGH_IN
69
—
VDD_SNVS_CAP
56
—
VDD_SNVS_IN
55
—
VDD_SOC_IN
5, 31, 39, 86, 102, 114, 134
—
VDD_USB_CAP
61
—
VSS
6, 40, 60, 70, 85, 103, 113, 135
—
Table 83. 20 x 20 mm functional contact assignments
Pin Name
20 x 20
Pin
Power
Group
Pin
Type
Default Setting
Default
Mode
Default
Function
Input/
Output
Value
GPIO_AD_B0_00
111
NVCC_GPIO
Digital
GPIO
ALT0
jtag_mux.TMS
Input
47 K PU
GPIO_AD_B0_01
110
NVCC_GPIO
Digital
GPIO
ALT0
jtag_mux.TCK
Input
100 K PD
GPIO_AD_B0_02
109
NVCC_GPIO
Digital
GPIO
ALT0
jtag_mux.MOD
Input
100 K PD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com