Electronic Components Datasheet Search
  English  ▼

X  

PET2000-NAS446 Datasheet(PDF) 21 Page - Bel Fuse Inc.

Part # PET2000-NAS446
Description  Best-in-class, 80 PLUS ?쏱latinum??Efficiency
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

PET2000-NAS446 Datasheet(HTML) 21 Page - Bel Fuse Inc.

Back Button PET2000-NAS446 Datasheet HTML 14Page - Bel Fuse Inc. PET2000-NAS446 Datasheet HTML 15Page - Bel Fuse Inc. PET2000-NAS446 Datasheet HTML 16Page - Bel Fuse Inc. PET2000-NAS446 Datasheet HTML 17Page - Bel Fuse Inc. PET2000-NAS446 Datasheet HTML 18Page - Bel Fuse Inc. PET2000-NAS446 Datasheet HTML 19Page - Bel Fuse Inc. PET2000-NAS446 Datasheet HTML 20Page - Bel Fuse Inc. PET2000-NAS446 Datasheet HTML 21Page - Bel Fuse Inc. PET2000-NAS446 Datasheet HTML 22Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
PET2000-NAS446
21
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2019 Bel Power Solutions
BCD.00974_002
PARAMETER
DESCRIPTION / CONDITION
MIN
NOM
MAX
UNIT
AC inlet
PET2000-NAS446 : IEC 60320-C14
10
AC cord requirement
Wire size
16
AWG
Output connector on wire
harness (JL1 to JL4)
Two harnesses. Totally 4 pcs 20 pin connectors
(Molex 39-01-2200 or equivalent)
20
PIN
Output connector for
signaling (J4)
Male 14-Pin connector (AMTEK 5BH1SDA88-14G05TU-00 or
equivalent
14
PIN
Output connector for
external FAN
(J7)
Male 4-Pin connector (Molex: 39-31-0040 or equivalent)
Female Mating connector (Molex: 15-06-0045 or equivalent)
4
PIN
PIN
SIGNAL NAME
DESCRIPTION
JL1-1 to JL1-5
V1
(yellow)
+12 VDC main output
JL1-11 to JL1-15
JL2-1 to JL2-5
JL2-11 to JL2-15
JL3-1 to JL3-5
JL3-11 to JL3-15
JL4-1 to JL4-5
JL4-11 to JL4-15
JL1-6 to JL1-10
GND (black)
Power ground (return)
JL1-16 to JL1-20
JL2-6 to JL2-10
JL2-16 to JL2-20
JL3-6 to JL3-10
JL3-16 to JL3-20
JL4-6 to JL4-10
JL4-16 to JL4-20
Table 5. Output pin assignment from Main Wire Harnesses
Figure 34. Output connections
16.1 MATING OUTPUT CONNECTOR SPECIFICATION (on wire two wire harnesses)
J4
JL1, JL2_black (GND), Harness 1
JL3, JL4_black (GND), Harness 2
JL1, JL2_yellow (V1), Harness 1
JL3, JL4_yellow (V1), Harness 2
J7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com