Electronic Components Datasheet Search
  English  ▼

X  

PET2000-NAS446 Datasheet(PDF) 13 Page - Bel Fuse Inc.

Part # PET2000-NAS446
Description  Best-in-class, 80 PLUS ?쏱latinum??Efficiency
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

PET2000-NAS446 Datasheet(HTML) 13 Page - Bel Fuse Inc.

Back Button PET2000-NAS446 Datasheet HTML 9Page - Bel Fuse Inc. PET2000-NAS446 Datasheet HTML 10Page - Bel Fuse Inc. PET2000-NAS446 Datasheet HTML 11Page - Bel Fuse Inc. PET2000-NAS446 Datasheet HTML 12Page - Bel Fuse Inc. PET2000-NAS446 Datasheet HTML 13Page - Bel Fuse Inc. PET2000-NAS446 Datasheet HTML 14Page - Bel Fuse Inc. PET2000-NAS446 Datasheet HTML 15Page - Bel Fuse Inc. PET2000-NAS446 Datasheet HTML 16Page - Bel Fuse Inc. PET2000-NAS446 Datasheet HTML 17Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
PET2000-NAS446
13
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2019 Bel Power Solutions
BCD.00974_002
PARAMETER
DESCRIPTION /
CONDITION
MIN
NOM
MAX
UNIT
tAC VSB
AC Line to 90%
VSB
1.5
s
tAC V1
AC Line to 90%
V1
PSON_L = Low
1.5
4 8
s
tVSB V1 del
VSB to V1 delay
PSON_L = Low
50
150
1000
ms
tV1 rise
V1 rise time
See chapter
OUTPUT
tVSB rise
VSB rise time
See chapter
OUTPUT
tAC drop1
AC drop without
V1 leaving regulation
0.5
∙ I1 nom, ISB nom
17
ms
0.7
∙ I1 nom, ISB nom
13
ms
I1 nom, ISB nom
5
ms
tAC drop2
AC drop without
VSB leaving regulation
I1 nom, ISB nom
70
ms
tV1 holdup
Loss of AC to
V1 leaving regulation
See chapter
INPUT
tVSB holdup
Loss of AC to
VSB leaving regulation
See chapter
INPUT
tPWOK_H del
Outputs in regulation to PWOK_H asserted
100
150
200
ms
tPWOK_H warn
Warning time from de-assertion of PWOK_H to
V1
leaving regulation
0.15
ms
tPWOK_H holdup
Loss of AC to PWOK_H de-asserted
Vi nom HL, I1 nom, ISB nom
10
ms
tPWOK_H low
Time PWOK_H is kept low after being de-asserted
100
ms
tPSON_L V1 on
Delay PSON_L active to
V1 in regulation
Cext = 0 mF
5
10
20
ms
tPSON_L V1 off
Delay PSON_L de-asserted to
V1 disabled
2
3
4
ms
tPSON_L PWOK_H
Delay PSON_L de-asserted to PWOK_H de-asserted
1
2
ms
tV1 off
Time
V1 is kept off after leaving regulation
1
s
tVSB off
Time
VSB is kept off after leaving regulation
1
s
OPERATING CONDITION 9
LED SIGNALING
No AC or AC Line in UV condition,
VSB not present from paralleled power supplies
Off
PSON_L High
Blinking Green 1 Hz
Hot-Standby Mode
No AC or AC Line in UV condition,
VSB present from paralleled power supplies
Solid Amber
V1 or VSB out of regulation
Over temperature shutdown
Output over voltage shutdown (
V1 or VSB)
Output over current shutdown (
V1 or VSB)
Fan error (>15%)
Over temperature warning
Blinking Amber 1 Hz
Minor fan regulation error (>5%, <15%)
Firmware boot loading in process
Blinking Green 2 Hz
Outputs V1 and VSB in regulation
Solid Green
Table 1. LED Status
8 At repeated ON-OFF cycles the start-up times may increase by 1s
9 The order of the criteria in the table corresponds to the testing precedence in the controller
8.6 LED INDICATOR
The front-end has one front LED showing the status of the supply. The LED is bi-colored: green and amber, and indicates AC
and DC power presence and warning or fault conditions.
Table 1 lists the different LED status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com