Electronic Components Datasheet Search
  English  ▼

X  

PLL205-01XM Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PLL205-01XM
Description  Motherboard Clock Generator for AMD - K7
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PLL205-01XM Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button PLL205-01XM Datasheet HTML 3Page - List of Unclassifed Manufacturers PLL205-01XM Datasheet HTML 4Page - List of Unclassifed Manufacturers PLL205-01XM Datasheet HTML 5Page - List of Unclassifed Manufacturers PLL205-01XM Datasheet HTML 6Page - List of Unclassifed Manufacturers PLL205-01XM Datasheet HTML 7Page - List of Unclassifed Manufacturers PLL205-01XM Datasheet HTML 8Page - List of Unclassifed Manufacturers PLL205-01XM Datasheet HTML 9Page - List of Unclassifed Manufacturers PLL205-01XM Datasheet HTML 10Page - List of Unclassifed Manufacturers PLL205-01XM Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PLL205-01
Motherboard Clock Generator for AMD - K7
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 03/07/00 Page 7
8. BYTE 7: Linear Programming (M) Register (1=Enable, 0=Disable)
Bit
Pin#
Default
Description
Bit 7
-
0
Linear programming sign bit ( 0 is “
+”, 1 is “−” )
Bit 6
-
0
Linear programming magnitude bit 6 (MSB)
Bit 5
-
0
Linear programming magnitude bit 5
Bit 4
-
0
Linear programming magnitude bit 4
Bit 3
-
0
Linear programming magnitude bit 3
Bit 2
-
0
Linear programming magnitude bit 2
Bit 1
-
0
Linear programming magnitude bit 1
Bit 0
-
0
Linear programming magnitude bit 0 (LSB)
9. BYTE 8: Device ID Register (1=Enable, 0=Disable)
Bit
Pin#
Default
Description
Bit 7
-
0
Reserved
Bit 6
-
0
Device ID Bit 6*
Bit 5
-
0
Device ID Bit 5*
Bit 4
-
0
Device ID Bit 4*
Bit 3
-
0
Device ID Bit 3*
Bit 2
-
0
Device ID Bit 2*
Bit 1
-
1
Device ID Bit 1*
Bit 0
-
0
Device ID Bit 0*
Note: *: Default value at power-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com