Electronic Components Datasheet Search
  English  ▼

X  

R3-WT411S/Q Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R3-WT411S/Q
Description  Remote I/O R3 Series AC POWER INPUT MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-WT411S/Q Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R3-WT411S/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3-WT411S/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3-WT411S/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3-WT411S/Q Datasheet HTML 4Page - M-System Co.,Ltd. R3-WT411S/Q Datasheet HTML 5Page - M-System Co.,Ltd. R3-WT411S/Q Datasheet HTML 6Page - M-System Co.,Ltd. R3-WT411S/Q Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MODEL: R3-WT4
R3-WT4 SPECIFICATIONS
ES-8391 Rev.7 Page 3/7
http://www.m-system.co.jp/
EXTERNAL VIEW
ERR LED
RUN LED
■ SIDE VIEW
■ FRONT VIEW
1
A
B
2
3
4
5
6
7
8
9
10
1
2
3
4
5
6
7
8
9
10
ON
8
7
6
5
4
3
2
1
SW1
SW2
ON
8
7
6
5
4
3
2
1
SW3
ON
4
3
2
1
Input 2 (SW1)
or
Input 4 (SW2)
Range
Input 1 (SW1)
or
Input 3 (SW2)
TRANSMISSION DATA DESCRIPTIONS
VARIABLE A
active power 16 bits
active power 16 bits
incoming energy 16 bits incoming energy 32 bits
VARIABLE B
incoming energy 16 bits incoming energy 32 bits outgoing energy 16 bits outgoing energy 32 bits
ADDRESS
V
-
-
-
-
-
-
-
-
-
-
-
-
s
t
i
b
6
1
y
g
r
e
n
e
g
n
i
o
g
t
u
o
C
E
L
B
A
I
R
A
n
active power
active power
incoming energy
incoming energy
ch.1
ch.1
ch.1
ch.1, lower digits
n + 1
active power
active power
incoming energy
incoming energy
ch.2
ch.2
ch.2
ch.1, upper digits
n + 2
active power
active power
incoming energy
incoming energy
ch.3
ch.3
ch.3
ch.2, lower digits
n + 3
active power
active power
incoming energy
incoming energy
ch.4
ch.4
ch.4
ch.2, upper digits
n + 4
incoming energy
incoming energy
outgoing energy
incoming energy
ch.1
ch.1, lower digits
ch.1
ch.3, lower digits
n + 5
incoming energy
incoming energy
outgoing energy
incoming energy
ch.2
ch.1, upper digits
ch.2
ch.3, upper digits
n + 6
incoming energy
incoming energy
outgoing energy
incoming energy
ch.3
ch.2, lower digits
ch.3
ch.4, lower digits
n + 7
incoming energy
incoming energy
outgoing energy
incoming energy
ch.4
ch.2, upper digits
ch.4
ch.4, upper digits
n + 8
outgoing energy
incoming energy
0
outgoing energy
s
t
i
g
i
d
r
e
w
o
l
,
1
.
h
c
s
t
i
g
i
d
r
e
w
o
l
,
3
.
h
c
1
.
h
c
n + 9
outgoing energy
incoming energy
0
outgoing energy
s
t
i
g
i
d
r
e
p
p
u
,
1
.
h
c
s
t
i
g
i
d
r
e
p
p
u
,
3
.
h
c
2
.
h
c
n + 10
outgoing energy
incoming energy
0
outgoing energy
s
t
i
g
i
d
r
e
w
o
l
,
2
.
h
c
s
t
i
g
i
d
r
e
w
o
l
,
4
.
h
c
3
.
h
c
n + 11
outgoing energy
incoming energy
0
outgoing energy
s
t
i
g
i
d
r
e
p
p
u
,
2
.
h
c
s
t
i
g
i
d
r
e
p
p
u
,
4
.
h
c
4
.
h
c
y
g
r
e
n
e
g
n
i
o
g
t
u
o
0
0
0
2
1
+
n
ch.3, lower digits
y
g
r
e
n
e
g
n
i
o
g
t
u
o
0
0
0
3
1
+
n
ch.3, upper digits
y
g
r
e
n
e
g
n
i
o
g
t
u
o
0
0
0
4
1
+
n
ch.4, lower digits
y
g
r
e
n
e
g
n
i
o
g
t
u
o
0
0
0
5
1
+
n
ch.4, upper digits
SW3-3 / SW3-4 setting
OFF / OFF
ON / OFF
OFF / ON
ON / ON
R3CON type ID
WT4****0
WT4****1
WT4****2
WT4****3
Network Module Data
4, 8, 16
4, 8, 16
4, 8
4, 8, 16
Allocation Mode*1
n = I/O address on the installation base
Factory setting = 1 kWh per bit.
Data address depends upon the data allocation mode as indicated below:
4 (n thr. n+3)
8 (n thr. n+7)
16 (n thr. n+15)
*1. Fixed at 16 for the R3-NPx.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com