Electronic Components Datasheet Search
  English  ▼

X  

R3-WT411S/Q Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R3-WT411S/Q
Description  Remote I/O R3 Series AC POWER INPUT MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-WT411S/Q Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R3-WT411S/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3-WT411S/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3-WT411S/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3-WT411S/Q Datasheet HTML 4Page - M-System Co.,Ltd. R3-WT411S/Q Datasheet HTML 5Page - M-System Co.,Ltd. R3-WT411S/Q Datasheet HTML 6Page - M-System Co.,Ltd. R3-WT411S/Q Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MODEL: R3-WT4
R3-WT4 SPECIFICATIONS
ES-8391 Rev.7 Page 2/7
http://www.m-system.co.jp/
Operational range: 0 – 120 % of rating
Overload capacity: 1000 % of rating for 3 sec., 200 % for 10
sec., 120% continuous
■ Active Power Input Range
Choose VT and CT ratios so that the calibration range
calculated by the following equation is within the usable
range in the table at the end of this section.
Calibration Range [W] = Measuring Wattage [W] ÷ [(VT
Ratio) × (CT Ratio)]
•Single-phase/2-wire
INPUT
USABLE
BURDEN (VA)
RANGE
VT
CT
110V / 1A
±100W
0.2
0.1
110V / 5A
±500W
0.5
220V / 1A
±200W
0.4
0.1
220V / 5A
±1000W
0.5
•Single-phase/3-wire
INPUT
USABLE
BURDEN (VA)
RANGE
VT
CT
200V / 1A
±200W
0.2/phase
0.1/phase
200V / 5A
±1000W
0.5/phase
•3-phase/3-wire
INPUT
USABLE
BURDEN (VA)
RANGE
VT
CT
110V / 1A
±200W
0.2/phase
0.1/phase
110V / 5A
±1000W
0.5/phase
220V / 1A
±400W
0.4/phase
0.1/phase
220V / 5A
±2000W
0.5/phase
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R3-BSx)
Weight: 600 g (1.3 lb)
PERFORMANCE
Accuracy
(at 23°C ±10°C or 73.4°F ±18°F, 45 – 65 Hz)
Active power: ±1.0 %
Active energy: ±2 %
Magnetic field (ext. origin) effect: ± 0.5 % (400 A/m)
Conversion rate: 100 msec.
Conversion data: 16 bits / 32 bits
Data allocation: 4, 8 or 16 selectable
Current consumption: 150 mA
Response time: ≤ 2 sec. (0 – 100 % ±1 %)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute
(voltage input to current input 1 to current input 2 to
current input 3 to current input 4 to internal bus or internal
power)
2000 V AC @ 1 minute (power input to FG; isolated on the
power supply module)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com