Electronic Components Datasheet Search
  English  ▼

X  

ABC41-1012L Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # ABC41-1012L
Description  3 x 2 x 0.75 Inch Form factor PCB Mount option available
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC41-1012L Datasheet(HTML) 3 Page - Bel Fuse Inc.

  ABC41-1012L Datasheet HTML 1Page - Bel Fuse Inc. ABC41-1012L Datasheet HTML 2Page - Bel Fuse Inc. ABC41-1012L Datasheet HTML 3Page - Bel Fuse Inc. ABC41-1012L Datasheet HTML 4Page - Bel Fuse Inc. ABC41-1012L Datasheet HTML 5Page - Bel Fuse Inc. ABC41-1012L Datasheet HTML 6Page - Bel Fuse Inc. ABC41-1012L Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ABC41 Series
3
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2021 Bel Power Solutions & Protection
BCD.00891_AD
3.
OUTPUT SPECIFICATIONS
PARAMETER
DESCRIPTION / CONDITION
SPECIFICATION
Output Power
Convection cooling
40 W
Efficiency
Typical
85%
Hold-up Time
230 VAC, max. load:
60 ms
Line Regulation
± 0.5%
Load Regulation
± 1%
Transient Response
25% step load change, at 0.1 A/µs slew rate,
50% duty cycle, 50 Hz = 4%
recovery time < 5 ms
Rise Time
Typical
50 ms
Set Point Tolerance
2% (3% for 5 V model)
Over Current Protection
> 110%
Over Voltage Protection
110 to 140%
Short Circuit Protection
Hiccup mode
Cooling
Convection
4.
ENVIRONMENTAL SPECIFICATIONS
PARAMETER
DESCRIPTION / CONDITION
SPECIFICATION
Operating Temperature 4
-40 to 0°C startup is guaranteed with spec. deviation
-40 to +70°C
Storage Temperature
-40 to +85°C
Relative Humidity
Non-condensing
5% to 95%
Altitude
Operating:
Non-operating:
16,000 ft.
40,000 ft.
MTBF
Telcordia -SR332-issue 3
2 million hours
4
Output ripple can be more than 10% of the output voltage.
Figure 1. Derating Curve for all Outputs
De-rate linearly from 100% at 50°C to 50% at 70°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com