Electronic Components Datasheet Search
  English  ▼

X  

ABC41-1012L Datasheet(PDF) 6 Page - Bel Fuse Inc.

Part # ABC41-1012L
Description  3 x 2 x 0.75 Inch Form factor PCB Mount option available
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC41-1012L Datasheet(HTML) 6 Page - Bel Fuse Inc.

  ABC41-1012L Datasheet HTML 1Page - Bel Fuse Inc. ABC41-1012L Datasheet HTML 2Page - Bel Fuse Inc. ABC41-1012L Datasheet HTML 3Page - Bel Fuse Inc. ABC41-1012L Datasheet HTML 4Page - Bel Fuse Inc. ABC41-1012L Datasheet HTML 5Page - Bel Fuse Inc. ABC41-1012L Datasheet HTML 6Page - Bel Fuse Inc. ABC41-1012L Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
ABC41 Series
tech.support@psbel.com
Figure 4. Mechanical Drawing – PCB Mount Option
NOTES: In case the PCB is mounted in a metal enclosure, using metal hardware ensure the following:
1
Stand off, used to mount PCB has OD of 5.4 mm max.
2
Screws, used to fix PCB on stand off, have head dia of 6.0 mm max.
3
Washer, if used, to have dia of 6.5 mm max.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com