Electronic Components Datasheet Search
  English  ▼

X  

ABC75-1024L Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # ABC75-1024L
Description  3 x 2 x 1 Inch Form Factor 75 Watts with Convection Cooling
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC75-1024L Datasheet(HTML) 3 Page - Bel Fuse Inc.

  ABC75-1024L Datasheet HTML 1Page - Bel Fuse Inc. ABC75-1024L Datasheet HTML 2Page - Bel Fuse Inc. ABC75-1024L Datasheet HTML 3Page - Bel Fuse Inc. ABC75-1024L Datasheet HTML 4Page - Bel Fuse Inc. ABC75-1024L Datasheet HTML 5Page - Bel Fuse Inc. ABC75-1024L Datasheet HTML 6Page - Bel Fuse Inc. ABC75-1024L Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ABC75 Series
3
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2020 Bel Power Solutions & Protection
BCD.00664_AE
Output Voltage
Refer to Model selection table
From 12 V to 58 V
Output Power
Convection cooling
75 W
Efficiency
48 V, 58 V:
24 V, 30 V:
12 V, 15 V:
93%
91%
90%
Hold-up Time
Typical
>16 ms
Line Regulation
+/-0.5%
Load Regulation
+/-1%
Minimum Load
0.0 A
Transient Response
25% step load change, at 0.1A/uS slew rate,
50% duty cycle, 50 Hz = 4%
recovery time < 5 ms
Ripple 4
For all outputs
1.0 % max.
Output Voltage Adjustment
+/-3%
Rise Time
Typical
55 ms
Set Point Tolerance
+/-1%
Over Current Protection
> 110%
Over Voltage Protection
Latch type (AC recycling required)
110 to 140%
Short Circuit Protection
Hiccup mode
Cooling
With natural convection cooling for input 100 – 264 VAC
75 W
4
Ripple is peak to peak with 20 MHz bandwidth and 10
μF (Electrolytic capacitor) in parallel with a 0.1 μF capacitor at rated line
voltage and load ranges.
Conducted Emissions
EN 55032-B, CISPR22-B, FCC PART15-B
Pass
Radiated Emissions
EN 55032 A;
with external core (King core K5B RC 25x12x15-M in input cable)
Pass
Level B
Input Current Harmonics
EN 61000-3-2
Class D
Voltage Fluctuation and Flicker
EN 61000-3-3
Pass
ESD Immunity
EN 61000-4-2
Level 3, Criterion A
Radiated Field Immunity
EN 61000-4-3
Level 3, Criterion A
Electrical Fast Transient Immunity
EN 61000-4-4
Level 3, Criterion A
Surge Immunity
EN 61000-4-5
Level 3, Criterion A
Conducted Immunity
EN 61000-4-6
Level 3, Criterion A
Magnetic Field Immunity
EN 61000-4-8
Level 3, Criterion A
Voltage Dips, Interruptions
EN 61000-4-11
Criterion A & B
Isolation Voltage
Input to Output: (for ITE application)
Input to GND:
3000 VAC
1500 VAC
Safety Standard(s)
IEC 62368-1:2018, EN 62368-1:2014; A11,
UL 62368-1 and CAN/CSA C22.2 No. 62368-1:19, GB17625.1-2012; GB4943.1-2011; GB/T9254-2008
Agency Approvals
Nemko, UL, C-UL, CCC
CE mark
Complies with LVD Directive



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com