Electronic Components Datasheet Search
  English  ▼

X  

ABC75-1024L Datasheet(PDF) 5 Page - Bel Fuse Inc.

Part # ABC75-1024L
Description  3 x 2 x 1 Inch Form Factor 75 Watts with Convection Cooling
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC75-1024L Datasheet(HTML) 5 Page - Bel Fuse Inc.

  ABC75-1024L Datasheet HTML 1Page - Bel Fuse Inc. ABC75-1024L Datasheet HTML 2Page - Bel Fuse Inc. ABC75-1024L Datasheet HTML 3Page - Bel Fuse Inc. ABC75-1024L Datasheet HTML 4Page - Bel Fuse Inc. ABC75-1024L Datasheet HTML 5Page - Bel Fuse Inc. ABC75-1024L Datasheet HTML 6Page - Bel Fuse Inc. ABC75-1024L Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ABC75 Series
5
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2020 Bel Power Solutions & Protection
BCD.00664_AE
AC Input Connector
J1
Pin 1
Pin 2
Pin 3
AC Line
Not Fitted
AC Neutral
Screw Terminal (Option 1)
Molex: 39357-0003
Tyco-2-1776112-3
Molex Header (Option 2)
Molex: 1722861103
(Mating conn: Molex 1722561003,
Molex 1722561103,
Molex 1722563103)
DC Output Connector
J2
Pin 1, 2
Pin 3, 4
V1 -VE
V1 +VE
Screw Terminal (Option 1)
Molex: 39357-0004
Tyco-2-1776112-4
Molex Header (Option 2)
Molex: 1722861104
(Mating conn: Molex 1722561004,
Molex 1722561104,
Molex 1722563104)
Weight
180 g max
Dimensions
76.2 x 50.8 x 25.4 mm (3 x 2 x 1 inch)
Cooling
75 W with natural convection cooling at 100 to 264 VAC
Figure 2. Mechanical Drawing - Screw Terminal (Option 1)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com