Electronic Components Datasheet Search
  English  ▼

X  

R7D Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R7D
Description  Remote I/O R7 Series DeviceNet I/O MODULE
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7D Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R7D Datasheet HTML 1Page - M-System Co.,Ltd. R7D Datasheet HTML 2Page - M-System Co.,Ltd. R7D Datasheet HTML 3Page - M-System Co.,Ltd. R7D Datasheet HTML 4Page - M-System Co.,Ltd. R7D Datasheet HTML 5Page - M-System Co.,Ltd. R7D Datasheet HTML 6Page - M-System Co.,Ltd. R7D Datasheet HTML 7Page - M-System Co.,Ltd. R7D Datasheet HTML 8Page - M-System Co.,Ltd. R7D Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
MODEL: R7D
R7D SPECIFICATIONS
ES-7802 Rev.21 Page 3/38
http://www.m-system.co.jp/
EXTERNAL VIEW
■ BASIC MODULE
5
4
6
5
4
6
5
4
6
MS
X10
X1
NODE ADD.
B.RATE
CNFG.
1 2 3 4 5 6 7 8
0 1 2 3 4 5 6 7 8 9 A B C D E F
10 11 12 13
2
3
4
1
15 16 17 18
7
8
9
6
14
5
Baud Rate Setting Rotary SW
Node Address Setting
Rotary SW
Status Indicator LED
Operating Mode Setting DIP SW (SW1)
PC Configurator Jack
Discrete I/O Status Indicator LED
I/O Terminals
*1. Not available with analog I/O modules.
*2. 10 screw terminals for analog output modules.
DeviceNet, Power Supply
Terminals
NS
*2
*1
2 3
4
1
5
■ EXTENSION MODULE
0
1 2 3 4 5 6 7
Discrete I/O Status Indicator LED
I/O Terminals
7
8
6
9
10
2
3
1
4
5
• DISCRETE, 8 POINTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com