Electronic Components Datasheet Search
  English  ▼

X  

R7D Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R7D
Description  Remote I/O R7 Series DeviceNet I/O MODULE
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7D Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R7D Datasheet HTML 1Page - M-System Co.,Ltd. R7D Datasheet HTML 2Page - M-System Co.,Ltd. R7D Datasheet HTML 3Page - M-System Co.,Ltd. R7D Datasheet HTML 4Page - M-System Co.,Ltd. R7D Datasheet HTML 5Page - M-System Co.,Ltd. R7D Datasheet HTML 6Page - M-System Co.,Ltd. R7D Datasheet HTML 7Page - M-System Co.,Ltd. R7D Datasheet HTML 8Page - M-System Co.,Ltd. R7D Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
MODEL: R7D
R7D SPECIFICATIONS
ES-7802 Rev.21 Page 2/38
http://www.m-system.co.jp/
RELATED PRODUCTS
• PC configurator software (model: R7CON)
• EDS file
The EDS files for basic modules and configurator software
are downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
• Clamp-on current sensor (model: CLSE)
For R7D-CT4E, the clamp-on current sensors must be
ordered separately. Required number depends upon the
channel number.
GENERAL SPECIFICATIONS
• Common Specifications
Network power supply voltage: 11 – 25 V DC
(supplied through the network terminal)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @1 minute
(between isolated circuits)
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Storage temperature: -20 to +65°C (-4 to +149°F)
Mounting: DIN rail (35 mm wide)
Connection
DeviceNet: Euro type connector terminal
Applicable wire size: 0.2 to 2.5 mm2, stripped length 7 mm
I/O: M3 separable screw terminals (torque 0.5 N·m)
Screw terminal material: Nickel-plated steel
Solderless terminal: Refer to the drawing at the end of the
section.
Recommended manufacturer: Japan Solderless Terminal
MFG.Co.Ltd, Nichifu Co.,ltd
Applicable wire size: 0.25 to 1.65 mm2 (AWG22 to 16)
Housing material: Flame-resistant resin (gray)
■ Current Consumption at 24 V DC; at 11 V DC; Weight
R7D-DA16: Approx. 40 mA; 75 mA; 200 g (7.1 oz)
R7D-DC16A: Approx. 50 mA; 90 mA; 200 g (7.1 oz)
R7D-DC16B: Approx. 50 mA; 90 mA; 200 g (7.1 oz)
R7D-DC8C: Approx. 50 mA (60 mA); 90 mA; 200 g (7.1 oz)
R7D-RR8: Approx. 50 mA; 90 mA; 180 g (6.3 oz)
R7D-SV4: Approx. 60 mA; 110 mA; 200 g (7.1 oz)
R7D-TS4: Approx. 60 mA; 110 mA; 200 g (7.1 oz)
R7D-RS4: Approx. 60 mA; 110 mA; 200 g (7.1 oz)
R7D-MS4: Approx. 60 mA; 110 mA; 200 g (7.1 oz)
R7D-CT4E: Approx. 80 mA; 170 mA; 200 g (7.1 oz)
R7D-PA8: Approx. 40 mA; 70 mA; 200 g (7.1 oz)
R7D-YV2: Approx. 70 mA; 130 mA; 150 g (5.3 oz)
R7D-YV2A: Approx. 35 mA (40 mA); 60 mA; 150 g (5.3 oz)
R7D-YS2: Approx. 100 mA; 200 mA; 150 g (5.3 oz)
R7D-YS2A: Approx. 35 mA (70 mA); 55 mA; 150 g (5.3 oz)
R7D-EA8: Approx. 10 mA; 10 mA; 90 g (3.2 oz)
R7D-EA16: Approx. 20 mA; 20 mA; 150 g (5.3 oz)
R7D-EC8A: Approx. 10 mA; 20 mA; 90 g (3.2 oz)
R7D-EC16A: Approx. 30 mA; 60 mA; 150 g (5.3 oz)
R7D-EC8B: Approx. 10 mA; 20 mA; 90 g (3.2 oz)
R7D-EC16B: Approx. 30 mA; 60 mA; 150 g (5.3 oz)
The consumed current of supply power for the output is
shown in ().
■ Recommended solderless terminal
3.3 (.13) max
mm (inch)
DeviceNet COMMUNICATION
Network cable: Approved for DeviceNet
Baud rate setting: 125 kbps (default), 250 kbps, 500 kbps,
auto-tracking (rotary switch)
(Refer to the instruction manual.)
Status indicator LEDs: MS, NS
(Refer to the instruction manual for details.)
Node address setting: 1 - 63 (rotary switch, default:00)
(Refer to the instruction manual.)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
(R7D-DC8C only. Refer to the instruction manual for the
detailed information.)
EN 61010-1, EN 61010-2-201
Measurement Category II (output)
Pollution Degree 2
Output to communication: Basic insulation (150 V)
RoHS Directive
Approval:
UL/C-UL nonincendive Class I, Division 2,
Groups A, B, C, and D
(ANSI/ISA-12.12.01, CAN/CSA-C22.2 No.213)
UL/C-UL general safety requirements
(UL 61010-1, CAN/CSA-C22.2 No.61010-1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com