Electronic Components Datasheet Search
  English  ▼

X  

R7FN-TS4 Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R7FN-TS4
Description  Remote I/O R7 Series FLEX NETWORK I/O MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7FN-TS4 Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R7FN-TS4 Datasheet HTML 1Page - M-System Co.,Ltd. R7FN-TS4 Datasheet HTML 2Page - M-System Co.,Ltd. R7FN-TS4 Datasheet HTML 3Page - M-System Co.,Ltd. R7FN-TS4 Datasheet HTML 4Page - M-System Co.,Ltd. R7FN-TS4 Datasheet HTML 5Page - M-System Co.,Ltd. R7FN-TS4 Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MODEL: R7FN-TS4
R7FN-TS4 SPECIFICATIONS
ES-7808-B Rev.0 Page 4/6
http://www.m-system.co.jp/
TERMINAL ASSIGNMENTS
■ INPUT TERMINAL ASSIGNMENT
10
+IN0
11
–IN0
12
+IN1
1
+CJ0
2
–CJ0
3
+CJ1
13
–IN1
4
–CJ1
14
NC
5
NC
15
+IN2
6
+CJ2
16
–IN2
7
–CJ2
17
+IN3
8
+CJ3
9
–CJ3
18
–IN3
NO.
ID
FUNCTION
NO.
ID
FUNCTION
1
+CJ0 CJC + 0
10
+IN0 T/C + 0
2
–CJ0 CJC – 0
11
–IN0
T/C – 0
3
+CJ1 CJC + 1
12
+IN1 T/C + 1
4
–CJ1 CJC – 1
13
–IN1
T/C – 1
5
NC
No connection
14
NC
No connection
6
+CJ2 CJC + 2
15
+IN2 T/C + 2
7
–CJ2 CJC – 2
16
–IN2
T/C – 2
8
+CJ3 CJC + 3
17
+IN3 T/C + 3
9
–CJ3 CJC – 3
18
–IN3
T/C – 3
■ NETWORK, POWER SUPPLY TERMINAL ASSIGNMENT
4
TR+
5
6
7
1
2
3
TR-
+24V 0V
JP+ JP-
FG
NO.
ID
FUNCTION, NOTES
1
JP
+
Terminating resistor
2
JP–
Terminating resistor
3
FG
FG
4
TR
+
Network
5
TR–
Network
6
+24V
Power input (24V DC)
7
0V
Power input (0V)
DATA CONVERSION
Engineering unit value °C or K is multiplied by 10 and expressed in 16 bits. °F data is represented in engineering unit
value, without multiplication. Negative value is represented in 2’s complements.
• Input TYPE K Thermocouple
≤ -272°C
-150°C
1370°C
≥ 1472°C
Input Value
-2720
-1500
13700
14720
Converted Data, Decimal
F560
FA24
3584
3980
Converted Data, Hex
14720 (3980)
13700 (3584)
-272 -150
-1500 (FA24)
-2720 (F560)
1370
1472
(°C)
■ INPUT RANGE AND DATA CONVERSION (FACTORY DEFAULT SETTING)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com