Electronic Components Datasheet Search
  English  ▼

X  

R7FN-TS4 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R7FN-TS4
Description  Remote I/O R7 Series FLEX NETWORK I/O MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7FN-TS4 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R7FN-TS4 Datasheet HTML 1Page - M-System Co.,Ltd. R7FN-TS4 Datasheet HTML 2Page - M-System Co.,Ltd. R7FN-TS4 Datasheet HTML 3Page - M-System Co.,Ltd. R7FN-TS4 Datasheet HTML 4Page - M-System Co.,Ltd. R7FN-TS4 Datasheet HTML 5Page - M-System Co.,Ltd. R7FN-TS4 Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MODEL: R7FN-TS4
R7FN-TS4 SPECIFICATIONS
ES-7808-B Rev.0 Page 1/6
http://www.m-system.co.jp/
Remote I/O R7 Series
FLEX NETWORK I/O MODULE
(Thermocouple input, 4 points, isolated)
Functions & Features
• 4 points thermocouple input module for FLEX NETWORK
• Input sensor can be selected with the front DIP switches
for all channels.
• Easy parameter setting of individual channels with M-
System's configurator software
FLEX NETWORK is registered trademark of Digital
Electronics Corporation in Japan.
115 (4.53)
53 (2.09)
54 (2.13)
mm (inch)
MODEL: R7FN–TS4-R[1]
ORDERING INFORMATION
• Code number: R7FN-TS4-R[1]
Specify a code from below for [1].
(e.g. R7FN-TS4-R/Q)
• Specify the specification for option code /Q
(e.g. /C01/SET)
I/O TYPE
TS4: Thermocouple input, 4 points
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[1] OPTIONS
blank: none
/Q: Options other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-7808-TS4)
RELATED PRODUCTS
• PC configurator software (model: R7CON)
The configurator software is downloadable at M-System’s
web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
• Screen editor software (model: GP-Pro EX)
Screen editor software GP-Pro EX (Ver.2.70 or higher) is
available.
For versions between 2.60 and 2.70, the driver must be
installed. The driver is downloadable at Digital Electronics
Corporation's web site. http://www.proface.co.jp/
GENERAL SPECIFICATIONS
Connection: M3 separable screw terminal (torque 0.5 N·m)
Solderless terminal: Refer to the drawing at the end of the
section.
• Communication cable
Recommended manufacture: Japan Solderless Terminal
MFG.Co.Ltd
Applicable wire size: 0.2 to 0.5 mm2 (AWG 26 to 22)
• Others
Recommended manufacture: Japan solderless terminal
MFG.Co.Ltd, Nichifu Co.,ltd
Applicable wire size: 0.25 to 1.65 mm2 (AWG 22 to 16)
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (gray)
Isolation: Input 0 to input 1 to input 2 to input 3 to FLEX
NETWORK to power to FG
Zero adjustments: Configurable via R7CON
Span adjustments: Configurable via R7CON
Conversion rate: Configurable via R7CON
Thermocouple setting: Configurable via the front DIP switch
or R7CON
Burnout setting: Selectable between upscale (*) and
downscale with the front DIP switch
(*) Factory default setting
Linearization: Standard
Cold junction compensation: CJC sensor attached to the
input terminals
Status indicator LED: PWR, RUN
(Refer to the instruction manual)


Similar Part No. - R7FN-TS4

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R7FN-DA16 MSYSTEM-R7FN-DA16 Datasheet
158Kb / 6P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7FN-DA16-R MSYSTEM-R7FN-DA16-R Datasheet
158Kb / 6P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7FN-DA16-R/Q MSYSTEM-R7FN-DA16-R/Q Datasheet
158Kb / 6P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7FN-DAC16A MSYSTEM-R7FN-DAC16A Datasheet
162Kb / 6P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7FN-DAC16A-R MSYSTEM-R7FN-DAC16A-R Datasheet
162Kb / 6P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
More results

Similar Description - R7FN-TS4

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R7FN-RS4 MSYSTEM-R7FN-RS4 Datasheet
176Kb / 6P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7FN-DC8C MSYSTEM-R7FN-DC8C Datasheet
158Kb / 5P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7FN-DC16B MSYSTEM-R7FN-DC16B Datasheet
158Kb / 6P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7FN-DC16A MSYSTEM-R7FN-DC16A Datasheet
158Kb / 6P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7FN-DAC16B MSYSTEM-R7FN-DAC16B Datasheet
159Kb / 6P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7FN-DAC16A MSYSTEM-R7FN-DAC16A Datasheet
162Kb / 6P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7FN-DA16 MSYSTEM-R7FN-DA16 Datasheet
158Kb / 6P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7FN-SV4 MSYSTEM-R7FN-SV4 Datasheet
173Kb / 6P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7FN-SVF4 MSYSTEM-R7FN-SVF4 Datasheet
174Kb / 6P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7FN-YS2 MSYSTEM-R7FN-YS2 Datasheet
161Kb / 5P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com