Electronic Components Datasheet Search
  English  ▼

X  

CMD201 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # CMD201
Description  DC-20 GHz Distributed Power Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD201 Datasheet(HTML) 2 Page - Qorvo, Inc

  CMD201 Datasheet HTML 1Page - Qorvo, Inc CMD201 Datasheet HTML 2Page - Qorvo, Inc CMD201 Datasheet HTML 3Page - Qorvo, Inc CMD201 Datasheet HTML 4Page - Qorvo, Inc CMD201 Datasheet HTML 5Page - Qorvo, Inc CMD201 Datasheet HTML 6Page - Qorvo, Inc CMD201 Datasheet HTML 7Page - Qorvo, Inc CMD201 Datasheet HTML 8Page - Qorvo, Inc CMD201 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
Parameter
Min
Typ
Max Units
Vdd
8.0
10.0
12.0
V
Idd
350
400
450
mA
Vgg1
-0.55
V
Vgg2
5.0
Operation of this device outside the maximum
ratings may cause permanent damage.
Electrical performance is measured at specific
test conditions. Electrical specifications are not
guaranteed over all recommended operating con-
ditions.
Absolute Maximum Ratings
Recommended Operating Conditions
Electrical Specifications, Vdd = 10.0 V, Vgg1 = -0.55 V, Vgg2 = 5.0 V, TA = 25 oC
Specifications
Parameter
Rating
Drain Voltage, Vdd
12.0 V
Gate1 Voltage, Vgg1
-2.0 to 0 V
RF Input Power
+30 dBm
Channel Temperature, Tch
150 °C
Power Dissipation, Pdiss
5.43 W
Thermal Resistance
11.9 °C/W
Operating Temperature
-55 to 85 °C
Storage Temperature
-55 to 150 °C
Gate2 Voltage, Vgg2
6.0 V
ver 1.4 0218
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Frequency Range
DC - 6
6 - 20
GHz
Gain
8
11
9
12
dB
Noise Figure
5
3.5
dB
Input Return Loss
15
17
dB
Output Return Loss
10
18
dB
Output P1dB
27
29.5
25
29
dBm
Supply Current
300
400
500
300
400
500
mA
Gain Temperature
Coefficient
0.009
0.014
dB/°C
Noise Figure Temperature
Coefficient
0.01
0.012
dB/°C
Output IP3
40
35
dBm
DC-20 GHz Distributed Power Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com