Electronic Components Datasheet Search
  English  ▼

X  

ACE713C Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE713C
Description  High Efficiency 1.25MHz, 2.5A Boost Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE713C Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE713C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE713C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE713C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE713C Datasheet HTML 4Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ACE713C
High Efficiency 1.25MHz, 2.5A Boost Regulator
VER 1.2
2
Absolute Maximum Ratings (Unless otherwise specified, TA=25°C)(1)
Parameter
Symbol
Ratings
Units
Supply Voltage range (2)
VIN
-0.3~7
V
SW Voltage (2)
-0.3~7
V
CE, FB, ILIM Voltage (2)
-0.3~7
V
Peak SW Sink Current
ISWMAX
2.5
A
Power Dissipation
SOT-23-6
PD
500(3)
mW
300(4)
mW
Operating Junction Temperature Range
Tj
-40~150
℃
Storage Temperature
Tstg
-40~125
℃
Lead Temperature (Soldering, 10 sec)
Tsolder
260
℃
ESD rating (5)
Human Body Model - (HBM)
4000
V
Machine Model- (MM)
200
V
1.
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those indicated under recommended operating conditions is not implied. Exposure to absolute-maximum-rated
conditions for extended periods my affect device reliability.
2.
All voltages are with respect to network ground terminal.
3.
Surface mounted on FR-4 Board using 1 square inch pad size, dual side, 1oz copper
4.
Surface mounted on FR-4 board using minimum pad size, 1oz copper
5.
ESD testing is performed according to the respective JESD22 JEDEC standard.
The human body model is a 100 pF capacitor discharged through a 1.5kΩ resistor into each pin. The machine
model is a 200pF capacitor discharged directly into each pin.
Caution
This integrated circuit can be damaged by ESD if you
don’t pay attention to ESD protection. Chi power
recommends that all integrated circuits be handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage. ESD damage can range from subtle
performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its
published specifications.
Recommended Operating Conditions
Parameter
MIN
MAX
Units
Supply voltage at VIN
2.7
5.5
V
Output voltage at VOUT
3.0
5.5
V
Operating free air temperature range (1), TA
-40
85
℃
Operating junction temperature range, Tj
-40
125
℃
(1) The ACE713C is guaranteed to meet performance specifications from 0°C to 70°C. Specifications over
the
–40°C to 85°C operating temperature range are assured by design, characterization and correlation with
statistical process controls.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com