Electronic Components Datasheet Search
  English  ▼

X  

ACE713C Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE713C
Description  High Efficiency 1.25MHz, 2.5A Boost Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE713C Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE713C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE713C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE713C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE713C Datasheet HTML 4Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ACE713C
High Efficiency 1.25MHz, 2.5A Boost Regulator
VER 1.2
1
Description
The ACE713C is a high efficiency boost switching regulator especially designed for single cell lithium
battery powered applications. It generates an output voltage of up to 5.5V from an input voltage as low as
2.7V. Ideal for applications where space is limited, it switches at 1.25MHz, allowing the use of tiny, low
cost and low-profile
external components, minimizes solution footprint. Its internal 2.5A, 80mΩ NMOS
switch provides high efficiency even at heavy load, while the constant frequency, current mode
architecture results in low, predictable output noise that is easy to filter. Internal frequency compensation
is designed to accommodate ceramic output capacitors, further reducing noise.
Features
⚫
1.25MHz Switching Frequency
⚫
Built-
in 80mΩ N-CH Power MOSFET Switch
⚫
PWM/PFM Auto Switching Maintains High Efficiency Overall Load Current Range
⚫
Up to 92% Efficiency:
⚫
Delivers 1A@5V from Single Li Cell
⚫
Wide Input Voltage Range: 2.7V to 6.0V
⚫
Wide Output Voltage Range: 3.0V to 5.5V
⚫
Output Current: 1A@VIN=3.0V
⚫
0.6V (±2%) Feedback Reference Voltage
⚫
Low Shutdown Current:
0.1μA(Typ.)
⚫
Adjustable Over Current Protection: 0.5A~2.5A
⚫
Over Temperature Protection
⚫
Uses Small, Low Profile External Components
⚫
Ceramic Capacitor Compatible
Application
⚫
Back-up Battery
⚫
Solar Battery Charger
⚫
Portable Applications Using Single Li+ Cell
⚫
Bus Powered USB Hosts
⚫
USB Hosts Without Native 5-V Supplies
⚫
3G/4G Wireless Routers
⚫
Networking card powered from PCI or PCI-express slots
⚫
Portable Audio Players
⚫
Personal Medical Products


Similar Part No. - ACE713C

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE710 ACE-ACE710 Datasheet
628Kb / 8P
0.9V startup, 0.6A 3.3V/5V Synchronous Boost DC/DC Converter
VER 1.3
ACE710C ACE-ACE710C Datasheet
639Kb / 8P
1A Synchronous PWM Boost converter
VER 1.1
ACE711E ACE-ACE711E Datasheet
626Kb / 9P
2A, Step-Up DC - DC Regulator 20V
VER 1.2
ACE7125Y ACE-ACE7125Y Datasheet
197Kb / 3P
High Efficiency 1MHz, 2.1A Step Up Regulator
VER 1.1
ACE712E ACE-ACE712E Datasheet
432Kb / 8P
5V - 2A Output, 1MHz Synchronous Step-Up Converter with DCP emulator
VER 1.1
More results

Similar Description - ACE713C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2655 NSC-LM2655 Datasheet
377Kb / 16P
2.5A High Efficiency Synchronous Switching Regulator
logo
Micro Linear Corporatio...
ML4890 MICRO-LINEAR-ML4890 Datasheet
256Kb / 12P
High Efficiency, Low Ripple Boost Regulator
logo
Sipex Corporation
SP6681 SIPEX-SP6681 Datasheet
125Kb / 10P
High Efficiency Boost Charge Pump Regulator
SP7648 SIPEX-SP7648_06 Datasheet
588Kb / 13P
PackageLow Reference High efficiency Boost Regulator
logo
National Semiconductor ...
LM2655 NSC-LM2655_05 Datasheet
769Kb / 16P
2.5A High Efficiency Synchronous Switching Regulator
logo
Micrel Semiconductor
MIC2250 MICREL-MIC2250_10 Datasheet
886Kb / 13P
High-Efficiency Low EMI Boost Regulator
MIC2251 MICREL-MIC2251 Datasheet
886Kb / 13P
High-Efficiency Low EMI Boost Regulator
MIC2250 MICREL-MIC2250_11 Datasheet
882Kb / 14P
High-Efficiency Low EMI Boost Regulator
logo
Texas Instruments
LM2655 TI-LM2655_15 Datasheet
757Kb / 18P
2.5A High Efficiency Synchronous Switching Regulator
logo
New Jersey Semi-Conduct...
UESI1101 NJSEMI-UESI1101 Datasheet
82Kb / 1P
High Efficiency, 2.5A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com