Electronic Components Datasheet Search
  English  ▼

X  

ACE01508U Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE01508U
Description  Low Capacitance Bidirectional Single Line TVS Protection Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE01508U Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE01508U Datasheet HTML 1Page - ACE Technology Co., LTD. ACE01508U Datasheet HTML 2Page - ACE Technology Co., LTD. ACE01508U Datasheet HTML 3Page - ACE Technology Co., LTD. ACE01508U Datasheet HTML 4Page - ACE Technology Co., LTD. ACE01508U Datasheet HTML 5Page - ACE Technology Co., LTD. ACE01508U Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ACE01508U
Low Capacitance Bidirectional Single Line TVS Protection Diode
VER 1.3
3
Electrical Characteristics
TA=25℃, unless otherwise specified.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Reverse Stand-Off Voltage
V
RWM
5
V
Reverse Breakdown Voltage
V
BR
IT=1mA
6.5
8.5
V
Reverse Leakage Current
IR
VRWM=5V, T=25°C
1
μA
Clamping Voltage
VC
IPP=5A, tP=8/20μs
9.7
V
IPP=11A, tP=8/20μs
13.6
Junction Capacitance
Cj
VR=0V, f=1MHz
45
59
pF
VR=2.5V, f=1MHz
35
45
Typical Performance Characteristics



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com