Electronic Components Datasheet Search
  English  ▼

X  

ACE01508U Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE01508U
Description  Low Capacitance Bidirectional Single Line TVS Protection Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE01508U Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE01508U Datasheet HTML 1Page - ACE Technology Co., LTD. ACE01508U Datasheet HTML 2Page - ACE Technology Co., LTD. ACE01508U Datasheet HTML 3Page - ACE Technology Co., LTD. ACE01508U Datasheet HTML 4Page - ACE Technology Co., LTD. ACE01508U Datasheet HTML 5Page - ACE Technology Co., LTD. ACE01508U Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ACE01508U
Low Capacitance Bidirectional Single Line TVS Protection Diode
VER 1.3
1
Description
The ACE01508U TVS protection diode is designed to replace multilayer varistors (MLVs) in portable
applications such as cell phones, notebook computers, and PDA’s. The device features large
cross-sectional area junctions for conducting high transient currents, offer desirable electrical
characteristics for board level protection, such as fast response time, lower operating voltage, lower
clamping voltage and no device degradation when compared to MLVs. The ACE01508U TVS protection
diode protects sensitive semiconductor components from damage or upset due to electrostatic discharge
(ESD) and other voltage induced transient events. The ACE01508U is available in DFN2 1.0×0.6
package with working voltages of 5 volt. It gives designer the flexibility to protect bidirectional single line in
applications where arrays are not practical. Additionally, it may be “sprinkled” around the board in
applications where board space is at a premium. It may be used to meet the ESD immunity requirements
of IEC 61000-4-2, ±30kV air, ±30kV contact discharge.
Features
⚫
Transient Protection for Data Lines to IEC 61000-4-2 (ESD) ±30kV (Air), ±30kV (Contact)
⚫
Small Package for Use in Portable Electronics
⚫
Suitable Replacement for MLV’s in ESD Protection Applications
⚫
Bidirectional TVS Protection
⚫
Stand-off Voltages: 5V
⚫
Low Leakage Current
⚫
Low Diode Capacitance
⚫
Small Body Outline Dimensions: 1.0mm×0.6mm
Applications
⚫
Cell Phone Handsets and Accessories
⚫
Personal Digital Assistants
(PDA’s)
⚫
Notebooks, Desktops and Servers
⚫
Portable Instrumentation
⚫
Cordless Phones
⚫
Smart Card
⚫
Digital Cameras
⚫
MP3 Players
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Peak Pulse Power (tP
=8/20μs)
PPK
140
Watts
Maximum Peak Pulse Current (tP
=8/20μs)
IPP
11
Amps
Lead Soldering Temperature
TL
260 (10 sec.)
°C
Operating Temperature
TJ
-55 to 125
°C
Storage Temperature
TSTG
-55 to 150
°C


Similar Part No. - ACE01508U

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE00581A ACE-ACE00581A Datasheet
388Kb / 6P
Ultra Low Capacitance 4 -Line ESD Protection Array
VER 1.1
ACE00584A ACE-ACE00584A Datasheet
332Kb / 6P
Ultra Low Capacitance 4 -Line ESD Protection Array
VER 1.1
More results

Similar Description - ACE01508U

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM5084 UNIONSEMI-UM5084 Datasheet
250Kb / 5P
Low Capacitance Bidirectional Single Line TVS Protection Diode
UM5080T UNIONSEMI-UM5080T Datasheet
256Kb / 6P
Low Capacitance Bidirectional Single Line TVS Protection Diode
UM5080 UNIONSEMI-UM5080 Datasheet
172Kb / 6P
Low Capacitance Bidirectional Single Line TVS Protection Diode
UM5060 UNIONSEMI-UM5060 Datasheet
270Kb / 6P
Bidirectional Single Line TVS Protection Diode
UM5060 UNIONSEMI-UM5060_16 Datasheet
194Kb / 6P
Bidirectional Single Line TVS Protection Diode
UM5080 UNIONSEMI-UM5080_16 Datasheet
186Kb / 6P
Low Capacitance Bidirectional Single Line TVS Protection Diode
UM5080T UNIONSEMI-UM5080T_16 Datasheet
182Kb / 6P
Low Capacitance Bidirectional Single Line TVS Protection Diode
UM5084 UNIONSEMI-UM5084_16 Datasheet
154Kb / 5P
Low Capacitance Bidirectional Single Line TVS Protection Diode
logo
Rectron Semiconductor
TEP5B5CL RECTRON-TEP5B5CL Datasheet
182Kb / 4P
Low Capacitance Bidirectional TVS/ESD Protection Diode
TEP5B5CM RECTRON-TEP5B5CM Datasheet
117Kb / 4P
Low Capacitance Bidirectional TVS/ESD Protection Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com