Electronic Components Datasheet Search
  English  ▼

X  

PT4841C Datasheet(PDF) 5 Page - Texas Instruments

Part # PT4841C
Description  65-W TRIPLE OUTPUT ISOLATED DC/DC CONVERTER FOR DSL APPLICATIONS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4841C Datasheet(HTML) 5 Page - Texas Instruments

  PT4841C Datasheet HTML 1Page - Texas Instruments PT4841C Datasheet HTML 2Page - Texas Instruments PT4841C Datasheet HTML 3Page - Texas Instruments PT4841C Datasheet HTML 4Page - Texas Instruments PT4841C Datasheet HTML 5Page - Texas Instruments PT4841C Datasheet HTML 6Page - Texas Instruments PT4841C Datasheet HTML 7Page - Texas Instruments PT4841C Datasheet HTML 8Page - Texas Instruments PT4841C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
PT4842—48V
65-W Triple Output Isolated DC/DC
Converter for DSL Applications
PT4842 Specifications (Unless otherwise stated, the operating conditions are:- Ta =25°C, Vin =48V, and Ion =0.5Ionmax)
PT4842
Characteristics
Symbols
Conditions
Min
Typ
Max
Units
Output Power
Po
Each output:
Vo1 ( 12V)
—
—
32.4 (1)
Vo2 (3.3V)
—
—
20
(1)
W
Vo3 (1.8V)
—
—
12.6 (1)
Total (all three outputs)
—
—
62
(1)
W
Output Current
Io
Io1 ( 12V)
0
—
2.7
A
Io2 (3.3V)
0
—
6
(2)
A
Io3 (1.8V)
0
—
7
(2)
Maximum (Io2 + Io3)
——11
(2)
A
Current Limit Threshold
ILIM
Io1
—4
—
A
Io2 + Io3
—16
—
Over Current Shutdown Delay (3)
tsd
Time period prior to latched shutdown
—
200
—
ms
Input Voltage Range
Vin
36
—
75
V
Under Voltage Lockout
Von
Vin increasing
—
34
—
V
Voff
Vin decreasing
—
32
—
Internal Input Capacitance
Cint
—2
—µF
Output Voltage
Vo
Vo1 ( 12V)
11.64
12.0
12.36
Vo2 (3.3V)
3.2
3.3
3.4
V
Vo3 (1.5V)
1.74
1.8
1.86
Output Adjust Range
Voadj
Vo2 / Vo3
±10
——%Vo
Line Regulation
Regline
All outputs, Over Vin range
—
0.11
.0
%Vo
Load Regulation
Regload
All outputs, 0
≤Io≤Iomax
—
0.2
1.0
%Vo
Cross Regulation
Regcross
Any one output vs. other outputs
—
—
1.0
%Vo
Vo Ripple/Noise
(4)
Vn
Cout =10µF tantalum capacitor
Vo1 ( 12V)
—
45
100
(0 to 20MHz bandwidth)
Vo2 (3.3V)
—
20
50
mVpp
Vo3 (1.5V)
—
20
50
Transient Response
(5)
ttr
25% load step
—
30
—
µSec
Vos
Vo over/undershoot
—
5
—
%Vo
Efficiency
η
Po =Pomax
—
84
—
%
Switching Frequency
ƒs
Over Vin and Io ranges
450
500
550
kHz
On/Off Control
On
Referenced to –Vin
Logic ‘0’
0
—
0.8
Off
Logic ‘1’
2.4
—
75
(6)
V
Open cct. voltage
3
5
Istby
Input current in ‘Off’ state
—
9
15
mA
Primary/Secondary Isolation
V iso
1500
—
—
V
C iso
—1500
—pF
R iso
10
——M
Ω
Temperature Sense
(7)
Vtemp
Output voltage at temperatures:-
–40°C
—
0.1—
V
100°C
—
1.5
—
External Output Capacitance
(8)
Cout
Co10
—
330
Co2
0
—
5,000
µF
Co3
0
—
10,000
Notes: (1) The sum total power delivered from all three regulated outputs, Vo1, Vo2, and Vo3, cannot exceed 62 watts.
(2) The sum-total current from outputs Vo2, and Vo3 cannot exceed 11ADC.
(3) After latched shutdown, the module may be reset by cycling the input power.
(4) The ripple and noise is measured with a 10µF tantalum capacitor across each output.
(5) The transient response is measured with a 25% load step from Io =0.5Iomax, and di/dt =0.2A/µs.
(6) Pins 3 & 4 are diode protected and can be connected to +Vin.
(7) Voltage output at “TEMP” pin is defined by the equation:- VTEMP = 0.5 + 0.01·T, where T is the sensed temperature in degrees centigrade. See pin
descriptions for more information.
(8) Ultra-low ESR capacitors, such as organic or polymer aluminum electrolytic types, may cause instability. For more information, refer to the application
note regarding capacitor selection.
SLTS142C - DECEMBER 2000 -REVISED SEPTEMBER 2002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com